Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDU-AP2R-B Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # PDU-AP2R-B
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PDU-AP2R-B Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  PDU-AP2R-B Datasheet HTML 1Page - M-System Co.,Ltd. PDU-AP2R-B Datasheet HTML 2Page - M-System Co.,Ltd. PDU-AP2R-B Datasheet HTML 3Page - M-System Co.,Ltd. PDU-AP2R-B Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: PDU
PDU SPECIFICATIONS
ES-1368 Rev.10 Page 2/4
http://www.m-system.co.jp/
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Input pulse sensing: DC coupled
Sensitivity adjustment: Single-turn screwdriver adjustment
(front); 0 – ±7 V
Hysteresis (deadband): Approx. 0.5 V
Input filter: Provided for 10 Hz or lower output frequency
(time constant approx. 1 msec.)
Scaling factor adjustment: 10-position rotary switches
(front);
1 / ( m × 10 ^n) m = 1 - 9999, n = 0 - 6
Output pulse width adjustment: Multi-turn screwdriver
adjustment (front); 5 μsec. – 400 msec.
INPUT SPECIFICATIONS
Frequency range: 0 – 100 kHz (10 Hz max. with filter)
Excitation: 12 V DC @ 30 mA; shortcircuit protection
Pulse width time requirement: 5 μsec. min. (10 ms with
filter)
■ Dry Contact
Sensing: 7.5V DC @ 1mA
ON/OFF level: ≥ 30 kΩ/5 V for OFF; ≤ 1 kΩ/1 V for ON
■ Voltage Pulse: Specify DC offset and amplitude.
Waveform: Square or sine
Input impedance: 10 kΩ min.
Input amplitude: 2 – 50 Vp-p
Offset: 0 – ±7 V
Max. voltage between input terminals: ±32 V
• 5V, 12V, 24V Pulse
Waveform: Square or sine
Input impedance: 10 kΩ min.
Detecting level
(Input: 5 V pulse: 12 V/24 V pulse)
VH: ≥ 3 V: ≥ 6 V
VL: ≤ 1 V: ≤ 4 V
■ Two-wire Current Pulse
Input resistance: Receiving resistor 220 Ω
Maximum current: ±50 mA
Hi/Lo level: ≤ 5 mA for Lo, ≥ 15 mA for Hi
50V max.
Amplitude
Vinp-p
t
Volts
DC Offset
■ Voltage pulse waveform
OUTPUT SPECIFICATIONS
■ Open Collector: 50 V DC @ 50 mA (resistive load)
Maximum frequency: 100 kHz with load resistance ≤ 1 kΩ
Saturation voltage: 1.0 V DC
■ Voltage Pulse:
High level: Rating (5, 12 or 24 V) ±10 %
Low level: ≤ 0.5 V
Maximum frequency: 100 kHz
Load resistance:
1 kΩ min. for 5 V
2.4 kΩ min. for 12 V,
4.8 kΩ min. for 24 V
■ Relay Contact:
120 V AC @ 200 mA (cos ø = 1)
30 V DC @ 200 mA (resistive load)
Electrical life 3 × 105 cycles (rate 30/min.)
Maximum switching voltage: 250 V AC or 30 V DC
Maximum switching power: 24 VA or 6 W
Minimum load: 5 V DC @ 10 mA
Mechanical life: 2 × 107 cycles
For maximum relay life with inductive loads, external
protection is recommended.
Maximum frequency: 5 Hz
OUTPUT PULSE WIDTH
• One-shot Output: Preset pulse width ±20 %;
The pulse width is factory set to approx. 50 % duty ratio at
the maximum frequency. For relay output, it is limited
within the range indicated in Code 3 specification.
Adjustable pulse width: 5 μsec. – 400 msec.
INSTALLATION
Power input
• AC: Operational voltage range: rating ±10 %,
50/60 ±2 Hz, approx. 2 VA
•DC: Operational voltage range: rating ±10 %,
ripple 10 %p-p max., approx. 2 W (80 mA at 24 V)
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 350 g (0.77 lb)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com