Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OTT2-2-F/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # OTT2-2-F/Q
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

OTT2-2-F/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  OTT2-2-F/Q Datasheet HTML 1Page - M-System Co.,Ltd. OTT2-2-F/Q Datasheet HTML 2Page - M-System Co.,Ltd. OTT2-2-F/Q Datasheet HTML 3Page - M-System Co.,Ltd. OTT2-2-F/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: OTT2
OTT2 SPECIFICATIONS
ES-3203 Rev.2 Page 1/4
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
THERMOCOUPLE TRANSMITTER
(fiber optics isolation)
Functions & Features
• Isolation up to several hundred thousand volts with a fiber
optics cable
• ON/OFF temperature control signal
• Linearization
• Burnout
• High-density mounting
Typical Applications
• Ion implanter
• Electron-beam devices
• Dust chamber
• Protection against inductive noises in power substations
OTT2
M·UNIT
Model
OPTICAL
TRANSMITTER
OTR2
M·UNIT
Model
OPTICAL
RECEIVER
50
(1.97)
123
(4.84)
80
(3.15)
mm (inch)
MODEL: OTT2–[1]–[2][3]
ORDERING INFORMATION
• Code number: OTT2-[1]-[2][3]
Specify a code from below for each of [1] through [3].
(e.g. OTT2-2-B/BL/Q)
• Temperature range (e.g. 0 – 800°C)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT THERMOCOUPLE
1: (PR) (Usable Range 0 to 1760°C, 32 to 3200°F)
2: K (CA) (Usable range -270 to +1370°C, -454 to +2498°F)
3: E (CRC) (Usable range -270 to +1000°C, -454 to +1832°F)
4: J (IC) (Usable range -210 to +1200°C, -346 to +2192°F)
5: T (CC) (Usable range -270 to +400°C, -454 to +752°F)
6: B (RH) (Usable range 0 to 1820°C, 32 to 3308°F)
7: R (Usable range -50 to +1760°C, -58 to +3200°F)
8: S (Usable range -50 to +1760°C, -58 to +3200°F)
N: N (Usable range -270 to +1300°C, -454 to +2372°F)
0: Specify
[2] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
DC Power
S: 12 V DC
R: 24 V DC
[3] OPTIONS (multiple selections)
Burnout
blank: Upscale burnout
/BL: Downscale burnout
/BN: No burnout
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
RELATED PRODUCTS
• Thermocouple receiver (model: OTR2)
• Fiber optics cable:
10 meters (model: AMPCP2-10M)
20 meters (model: AMPCP2-20M)
30 meters (model: AMPCP2-30M)
Optical cable used for the AMPCP2
Mitsubishi Chemical Super Eska SH 4001
Minimum bend radius: 25 mm
Tension strength: ≤ 70 N
Connector used for the AMPCP2
Broadcom HFBR-4532Z
• Recommended SSR: OMRON G3NA


Similar Description - OTT2-2-F/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com