Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OTR2-A-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # OTR2-A-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

OTR2-A-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  OTR2-A-R Datasheet HTML 1Page - M-System Co.,Ltd. OTR2-A-R Datasheet HTML 2Page - M-System Co.,Ltd. OTR2-A-R Datasheet HTML 3Page - M-System Co.,Ltd. OTR2-A-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: OTR2
OTR2 SPECIFICATIONS
ES-1322 Rev.3 Page 4/4
http://www.m-system.co.jp/
FUNCTIONS
The OTT2 unit converts mV input signals from a thermocouple into light pulse re ections, and transmits them to the OTR2
unit via
ber optics cable (A), while the OTR2 converts the light pulse re ections into analog signals and output them to a
temperature controller.
The OTR2 transmits also ON-OFF control signals from the controller in the same manner via
ber optics cable (B), to the
OTT2 unit while produces voltage pulse signals for driving the SSR for the heater.
The SSR must accept a DC input and have zero-cross function.
FIBER OPTICS
FIBER OPTICS
CONTROL
INPUT
U(+)
V(–)
POWER
OUTPUT
7
8
1
2
5
6
B
INPUT
+
+
OUTPUT
DC SIGNAL
+12V
0V
OTR2
TEMP.
CONTROLLER
A
CONTROL
OUTPUT
U(+)
V(–)
A
7
8
POWER
+
T / C
CJC
SENSOR
metal leg
model: CJM
comp. leadwire
3
5
4
+
1
2
INPUT
~
+
SSR
~
HEATER
OTT2
B
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com