Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMS-A-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # PMS-A-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PMS-A-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  PMS-A-R Datasheet HTML 1Page - M-System Co.,Ltd. PMS-A-R Datasheet HTML 2Page - M-System Co.,Ltd. PMS-A-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: PMS
PMS SPECIFICATIONS
ES-1352-E Rev.5 Page 1/3
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
POTENTIOMETER TRANSMITTER
(isolated)
Functions & Features
• Providing a DC output proportional to a
potentiometer or slidewire position input
• Constant voltage excitation allows use with pots with total
resistances from 100 Ω – 10 kΩ without affecting accuracy
• 50 % zero/span adjustments with minimal interaction
• Isolation up to 2000 V AC
• Fast response type available
• LCD meter
• High-density mounting
Typical Applications
• Tank levels
• Positions
50
(1.97)
127
(5)
80
(3.15)
mm (inch)
MODEL: PMS–[1]–[2][3]
ORDERING INFORMATION
• Code number: PMS-[1]-[2][3]
Specify a code from below for each of [1] through [3].
(e.g. PMS-A-B/E/K/Q)
• Special output range (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01/S01)
INPUT POTENTIOMETER
Total resistance 100 Ω – 10 kΩ
[1] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 750 Ω max.)
B: 2 – 10 mA DC (Load resistance 1500 Ω max.)
C: 1 – 5 mA DC (Load resistance 3000 Ω max.)
D: 0 – 20 mA DC (Load resistance 750 Ω max.)
E: 0 – 16 mA DC (Load resistance 900 Ω max.)
F: 0 – 10 mA DC (Load resistance 1500 Ω max.)
G: 0 – 1 mA DC (Load resistance 15 kΩ max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 100 Ω min.)
4: 0 – 10 V DC (Load resistance 1000 Ω min.)
5: 0 – 5 V DC (Load resistance 500 Ω min.)
6: 1 – 5 V DC (Load resistance 500 Ω min.)
4W: -10 – +10 V DC (Load resistance 2000 Ω min.)
5W: -5 – +5 V DC (Load resistance 1000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[2] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC (Not selectable with Option /UL)
H: 220 V AC (Not selectable with Option /UL)
J: 240 V AC (Not selectable with Option /UL)
DC Power
S: 12 V DC (Not selectable with Option /UL)
R: 24 V DC (Not selectable with Option /UL)
V: 48 V DC (Not selectable with Option /UL)
P: 110 V DC (Not selectable with Option /UL)
[3] OPTIONS (multiple selections)
Input Signal Indicator
blank: Without
/E: With (0.0 - 100.0 % display)
Response Time (0 – 90 %)
blank: Standard (≤ 0.5 sec.)
/K: Fast Response (Approx. 25 msec.)
Standards & Approvals
blank: Without UL
/UL: UL approval (Not selectable with /E)
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating (UL not available)
TERMINAL SCREW MATERIAL
/S01: Stainless steel (UL not available)


Similar Part No. - PMS-A-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMS-02V-S ETC2-PMS-02V-S Datasheet
366Kb / 11P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
JST Mfg. Co., Ltd.
PMS-02V-S JST-PMS-02V-S Datasheet
340Kb / 12P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PMS-02V-S JST-PMS-02V-S Datasheet
329Kb / 12P
FAMILY SERIES/PA•PAF•PAL CONNECTOR
logo
List of Unclassifed Man...
PMS-03V-S ETC2-PMS-03V-S Datasheet
366Kb / 11P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
JST Mfg. Co., Ltd.
PMS-03V-S JST-PMS-03V-S Datasheet
340Kb / 12P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
More results

Similar Description - PMS-A-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com