Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR2-B-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # OR2-B-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

OR2-B-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  OR2-B-R Datasheet HTML 1Page - M-System Co.,Ltd. OR2-B-R Datasheet HTML 2Page - M-System Co.,Ltd. OR2-B-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: OR2
OR2 SPECIFICATIONS
ES-1321 Rev.3 Page 3/3
http://www.m-system.co.jp/
EXTERNAL VIEW
Power LED
Zero Adjustment
A
Span Adjustment
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
3
4
5
6
2
1
8
7
50 (1.97)
103 (4.06)
50 (1.97) min.)
123 (4.84)
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
15 (.59) deep
8–M3.5
SCREW
• When mounting, no extra space is needed between units.
25R min.
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
–
Base Socket
INPUT
3
4
5
6
1
2
U(+)
V(–)
POWER
7
8
FIBER OPTICS
+
–
Base Socket
3
Output
Driver
OUTPUT
4
5
6
1
2
S
Z
U(+)
V(–)
POWER
7
8
Freq. / Volt.
Converter
Waveform
Shaper
■ OT2 (input)
■ OR2 (output)
Power LED
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com