Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5178 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5178
Description  SYNCHRONOUS BOOST CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5178 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5178 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5178 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5178 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5178 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5178 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5178 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5178 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5178 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5178 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
_________________________________________________________________
_
_______________________________
*Note: Please set EN voltage〈Vbat voltage, the best EN voltage from MCU is 2V
Figure 3. Functional Block Diagram
CONTROLLER CIRCUIT
The controller circuit of the device is based on a fixed frequency multiple feedforward
controller topology. Input voltage, output voltage, and voltage drop on the NMOS switch are
monitored and forwarded to the regulator. So changes in the operating conditions of the
converter directly affect the duty cycle and must not take the indirect and slow way through
Soft Start Time
Tss
1.5
ms
LBI voltage threshold
VLBI voltage decreasing
0.5
V
HM5178



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com