Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5176 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5176
Description  Synchronous boost control chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5176 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5176 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5176 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5176 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5176 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5176 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5176 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
内容如有变更,恕不先行通知
4 / 6
SW应力波形(Vin=3.7V,IOUT=2A)
驱动波形(
Vin=3.7V,IOUT=2A)
输出纹波波形(
Vin=3.7V,IOUT=2A)
功能描述:
操作
HM5176是电流模式升压转换器。恒定的开关频率为650KHz,采用脉宽调制模式(PWM)。
控制回路是峰值电流模式控制的结构,斜率补偿电路被内置,以允许占空比大于
50%时可以
稳定运行。
电流限制程序
SVCC脚与DCS脚之间的电阻决定最大负载电流,这个电阻的值应该设置在毫欧级。
过温保护(
OTP)
HM5176内部结温超过155℃时,将自动关闭功率MOSFET驱动(属自动重启模式)。
输出断开
当电源和
EN脚被拉高时,该HM5176启动和运行,外部PMOS导通,并通过它的电流输出
给负载。当输出负载增加,输出电压下降;当
EN引脚电流下降至20uA时,外部PMOS将关闭,
输出短路条件将被断开。
输出过压保护
当输出电压超过
6.5V ,升压关闭,输出电压回到5.5V 后,重新启动。
HM5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com