Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5175 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5175
Description  500kHz 6A High Efficiency Synchronous PWM Boost Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5175 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5175 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5175 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5175 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5175 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5175 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5175 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5175 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5175 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5175 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Recommended Operating Conditions
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
VIN
2.4
4.5
V
Operating Temperature Range
TA
Ambient Temperature
-40
+85
°C
DC Electrical Characteristics (VIN=3.3V, TA=25°C, unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input Voltage
VIN
2.4
4.5
V
Under Voltage Lockout
VUVLO
2.1
V
UVLO Hysteresis
0.1
V
Quiescent Current
ICC
VFB =0.65V, No switching
280
µA
Average Supply Current
ICC
VFB=0.55V, Switching
3.6
mA
Shutdown Current
ICC
VEN=GND
0.1
µA
Operation Frequency
fOSC
VFB=0.55V
500
kHZ
Maximum Duty Ratio
%
90
%
Feedback Voltage
VREF
VIN=4.5V
0.588
0.6
0.612
V
Enable Voltage
VEN
0.96
V
Shutdown Voltage
VEN
0.6
V
Soft-Start Time
tSS
VIN=4.5V
7
ms
High Side Switch RDS(ON)
RON-PMOS
40
m
Ω
Low Side Switch RDS(ON)
RON-NMOS
40
m
Ω
Internal Switch Current Limit
IOCP
6
A
Thermal Shutdown Threshold
TOTP
150
℃
Thermal Shutdown Hysteresis
30
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com