Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRU-12-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # PRU-12-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PRU-12-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  PRU-12-R Datasheet HTML 1Page - M-System Co.,Ltd. PRU-12-R Datasheet HTML 2Page - M-System Co.,Ltd. PRU-12-R Datasheet HTML 3Page - M-System Co.,Ltd. PRU-12-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: PRU
PRU SPECIFICATIONS
ES-1375 Rev.15 Page 1/4
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
PULSE SCALER
(field-configurable)
Functions & Features
• Converting pulse rate into convenient engineering unit for
display on a totalizing counter or meter
• Excitation
• Digital scaling accuracy
• Scaling factor adjustable of 0.9999 × 100 to 0.0001 × 10–6
• High-density mounting
Typical Applications
• Positive displacement flowmeters and turbine flowmeters
• Magnetic tachometers
50
(1.97)
127
(5)
80
(3.15)
mm (inch)
MODEL: PRU–[1][2]–[3][4]
ORDERING INFORMATION
• Code number: PRU-[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. PRU-11-B/Q)
• Input frequency range (e.g. 0 – 356.7 Hz)
• Output frequency range (e.g. 0 – 1.00 Hz)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
1: Dry contact (Excitation 12 V @30 mA)
2: DISCONTINUED, replaced with code 8
Voltage pulse; square wave (Exitation 12 V @30 mA)
7: Sine wave (Excitation 12 V @30 mA)
8: Voltage pulse; square wave (Excitation 12 V @30 mA)
[2] OUTPUT
1: Open collector (max. frequency 20 kHz)
2: 5 V pulse (max. frequency 20 kHz)
3: Relay contact (max. frequency 2 Hz)
4: 24 V pulse (max. frequency 20 Hz)
[3] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
DC Power
S: 12 V DC
R: 24 V DC
V: 48 V DC
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
CAUTION
1) This unit's output waveform is not uniform due to its
scaling method. The user must be aware that it may be
inconvenient for certain types of application.
2) This unit is designed to accept at the maximum of 100
kHz, which may cause errors due to chattering in the input
pulses.
Use input relays which do not cause chattering (e.g.
mercury relays). Other relays could be used only with a CR
filter, for 10 Hz at maximum.
3) Use M-System’s Model M2PRU instead of this unit in
conjunction with the pulse output from M-System’s power
transducers.
Relay
R
C
PULSE
SCALER
C = 1 µF
R = 10kΩ
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel


Similar Part No. - PRU-12-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PRUS2 TRIPPLITE-PRUS2 Datasheet
499Kb / 2P
Keyspan by Tripp Lite Presentation Wireless Remote Control, Silver, 60-ft. Range
More results

Similar Description - PRU-12-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com