Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRU-22-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # PRU-22-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PRU-22-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  PRU-22-R Datasheet HTML 1Page - M-System Co.,Ltd. PRU-22-R Datasheet HTML 2Page - M-System Co.,Ltd. PRU-22-R Datasheet HTML 3Page - M-System Co.,Ltd. PRU-22-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: PRU
PRU SPECIFICATIONS
ES-1375 Rev.15 Page 4/4
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
Isolation
Base Socket
Pulse Volt.
Amplifier
Output
Driver
OUTPUT
6
1
2
U(+)
V(–)
POWER
7
8
12V Supply
INPUT
5
+
3
4
+
SENSOR EXCITATION
One-shot
+
■ Dry Contact
Input Connection Examples
+
+12V
PWR
■ Voltage Pulse, Sine Wave
+
+
+12V
PWR
■ Open Collector
Output Connection Examples
+
1
2
+
■ Voltage Pulse
+
1
2
+
■ Relay Contact
• AC Powered
1
2
LOAD
Relay or
Counter
Coil
Varistor or
Spark
Quenching
Circuit
• DC Powered
1
2
LOAD
Relay or
Counter
Coil
Spark
Quenching
Diode
SCALING
FACTOR ADJ.
Scaler
PULSE
WIDTH ADJ.
SENSITIVITY
ADJ.
7.5kΩ
+7.5V
+
3
4
+ 5
+
3
4
+ 5
U
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com