Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRU-84-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # PRU-84-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PRU-84-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  PRU-84-R Datasheet HTML 1Page - M-System Co.,Ltd. PRU-84-R Datasheet HTML 2Page - M-System Co.,Ltd. PRU-84-R Datasheet HTML 3Page - M-System Co.,Ltd. PRU-84-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: PRU
PRU SPECIFICATIONS
ES-1375 Rev.15 Page 2/4
http://www.m-system.co.jp/
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Input pulse sensing: Capacitor coupled; detecting pulse rise
Sensitivity adjustment: For voltage pulse input, sine wave
input, adjustable between 25 mVp-p – 5 Vp-p (front)
Scaling factor adjustment: 0.9999 × 100 – 0.0001 × 10–6
(front 10-position rotary switch)
Output pulse width adjustment: (front)
• Open collector, 5 V pulse: 40 μsec. - 0.8 msec.
• Relay contact, 24 V pulse: 40 msec. - 0.8 sec.
INPUT SPECIFICATIONS
Excitation: 12 V DC @30 mA; shortcircuit protection
■ Dry Contact: Mechanical contact or open collector
Max. frequency: 100 kHz
Pulse width time requirement: 5 μsec. min. (20 msec. min.
for frequencies ≤ 10 Hz)
Sensing: Approx. 7.5 V DC @ 1 mA
ON/OFF level: ≤ 20 kΩ for ON, ≥ 100 kΩ for OFF
■ Voltage Pulse: Square or similar waveform
Max. frequency: 100 kHz
Pulse width time requirement: 5 μsec. min. (20 msec. min.
for frequencies ≤ 10 Hz)
Input amplitude: 25 mVp-p – 50 Vp-p
Minimum amplitude requirement:
[Pulse With (Fequency): Amplitude]
≥ 250 μsec. (0 – 2 kHz): 25 mVp-p
≥ 25 μsec. (0 – 20 kHz): 50 mVp-p
≥ 12.5 μsec. (0 – 40 kHz): 1 Vp-p
≥ 5 μsec. 0 – (100 kHz): 5 Vp-p
Input impedance: ≥ 50 kΩ
■ Sine wave: Sine or similar waveform
Frequency: 10 Hz - 100 kHz
Pulse width time requirement: 5 μsec. min. (20 msec. min.
for frequencies ≤ 10 Hz)
Input amplitude: 25 mVp-p – 50 Vp-p
(within 10 Hz - 100 kHz)
Minimum amplitude requirement: (Frequency: Amplitude)
0 – 2 kHz: 25 mVp-p
0 – 20 kHz: 50 mVp-p
0 – 40 kHz: 1 Vp-p
0 – 100 kHz: 5 Vp-p
Input impedance: ≥ 50 kΩ
Waveform examples
25mV p-p
– 50Vp-p
•Square Waveform
TH
TL
Pulse width is smaller of TH or TL.
VL
VH
25mV – 50V
0V
25mV p-p
– 50V p-p
0V
•Sine Waveform
OUTPUT SPECIFICATIONS
■ Open Collector: 50 V DC @ 50 mA (resistive load)
Frequency range: 0 – 20 kHz
ON pulse width: 40 μsec. – 0.8 msec. adjustable
Saturation voltage: 0.6 V DC
■ Relay Contact: 120 V AC @ 200 mA (cos ø = 1)
240 V AC @ 100 mA (cos ø = 1)
24 V DC @ 200 mA (resistive load)
Frequency range: 0 – 2 Hz
ON pulse width: 40 msec. – 0.8 sec. adjustable
Relay life:
≥ 5 × 107 cycles (mechanical)
≥ 105 cycles (electrical)
■ 5 V Pulse
Frequency range: 0 – 20 kHz
Low pulse width: 40 μsec. – 0.8 msec. adjustable
Hi/Lo level: 5 V ± 10 % for Hi; ≤ 0.5 V for Lo
Load resistance: 600 Ω min.
■ 24 V Pulse
Frequency range: 0 – 20 Hz
High pulse width: 40 msec. – 0.8 sec. adjustable
Hi/Lo level: 24 V ± 10 % for Hi; ≤ 0.5 V for Lo
Load current: 30 mA max.
Load resistance: 800 Ω min.
INSTALLATION
Power input
• AC: Operational voltage range: rating ±10 %,
50/60 ±2 Hz, approx. 2 VA
•DC: Operational voltage range: rating ±10 %,
ripple 10 %p-p max., approx. 2 W (80 mA at 24 V)
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 350 g (0.77 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com