Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5553 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC5553
Description  Silicon NPN triple diffusion mesa type(For horizontal deflection output)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5553 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC5553 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5553 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2SC5553
Power Transistors
2
PC  Ta
Area of safe operation (ASO)
Area of safe operation,
horizontal operation ASO
100
80
90
60
70
40
50
20
30
0
10
050
25
75
100
125
150
175
(1)
(2)
(3)
Ambient temperature T
a (°C)
(1) TC
= T
a
(2) With a 100
× 100 × 2 mm3
Al heat sink
(3) Without heat sink
0.001
0.003
0.1
0.03
1
25
0.01
0.3
10
1
3
30
100
10 20
50 100 200 500
p
ICP
IC
DC
t
= 1 ms t =
100
µs
t
= 10 ms
Non repetitive pulse
TC
= 25°C
Collector to emitter voltage V
CE (V)
35
30
25
20
15
10
5
0
0
1 000
500
1 500
2 000
Collector to emitter voltage V
CE (V)
f
= 64 kHz, T
C
< 90°C
Area of safe operation for
the single pulse load curve
due to discharge in the high-
voltage rectifier tube during
horizontal operation
< 1 mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com