Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEXL Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MEXL
Description  Final Control Elements
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MEXL Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MEXL Datasheet HTML 1Page - M-System Co.,Ltd. MEXL Datasheet HTML 2Page - M-System Co.,Ltd. MEXL Datasheet HTML 3Page - M-System Co.,Ltd. MEXL Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: MEXL
MEXL SPECIFICATIONS
ES-4612 Rev.1 Page 2/4
http://www.m-system.co.jp/
LonWorks COMMUNICATION
Neuron chip: TMPN3120
Transceiver: FTT-10A (78 kbps, free topology)
Service pin: Node structure, for installation
Reset switch: Neuron chip reset
Service LED: ON when no valid application code is held or
when malfunctioning
Blinking at 0.5 Hz when network address information is not
configured
INPUT SPECIFICATIONS
• Feedback potentiometer: 100 Ω – 10 kΩ
Minimum span: 50 % of totalresistance
Excitation: 3.3 V DC
OUTPUT SPECIFICATIONS
■ Control Output: SSR (zero-crossing); 20 - 240 V AC 0.1 - 1
A
(2 - 3) Closing ON
(1 - 3) Opening ON
Deviation
+
-
0
Deadband
Output operation: Terminal no. in ( ).
INSTALLATION
Power input
•AC: Operational voltage range: rating ±10 %,
50/60 ±2 Hz, approx. 3 VA
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 300 g (0.66 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute (LonWorks or
feedback potentiometer to control output to power to
ground)
500 V AC @1 minute (LonWorks to feedback potentiometer)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com