Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEWTF Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MEWTF
Description  Plug-in Signal Conditioners M-UNIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MEWTF Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MEWTF Datasheet HTML 1Page - M-System Co.,Ltd. MEWTF Datasheet HTML 2Page - M-System Co.,Ltd. MEWTF Datasheet HTML 3Page - M-System Co.,Ltd. MEWTF Datasheet HTML 4Page - M-System Co.,Ltd. MEWTF Datasheet HTML 5Page - M-System Co.,Ltd. MEWTF Datasheet HTML 6Page - M-System Co.,Ltd. MEWTF Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODEL: MEWTF
MEWTF SPECIFICATIONS
ES-1927 Rev.7 Page 1/7
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
WATT TRANSDUCER
(high-speed response)
Functions & Features
• Providing a DC output signal in proportion to AC active
power
• Measuring bidirectional power flow
• DC output containing little ripple is ideal for computer
input
• Isolation up to 2000 V AC
• High-density mounting
Typical Applications
• Quick countermeasure against fast and violent signal
variations in power surveillance systems
50
(1.97)
136
(5.35)
80
(3.15)
mm (inch)
MODEL: MEWTF-[1][2][3][4]–[5][6]
ORDERING INFORMATION
• Code number: MEWTF-[1][2][3][4]-[5][6]
Specify a code from below for each [1] through [6].
(e.g. MEWTF-211A-B/CE/Q)
•Calibration range (e.g. 0 – 500 W)
•VT ratio, CT ratio (e.g. VT 3300/110 V, CT 250/5 A)
•Special output range (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] CONFIGURATION
1: 3-phase / 3-wire (CE not available)
2: Single-phase / 2-wire
3: Single-phase / 3-wire (CE not available)
[2] INPUT (unbalanced load)
1: 110 V / 5 A AC
2: 110 V / 1 A AC
3: 220 V / 1 A AC
4: 220 V / 5 A AC
A: 100 V / 200 V / 1 A AC (single-phase / 3- wire)
B: 100 V / 200 V / 5 A AC (single-phase / 3- wire)
[3] FREQUENCY
1: 50 Hz
2: 60 Hz
[4] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 600 Ω max.)
B: 2 – 10 mA DC (Load resistance 1200 Ω max.)
C: 1 – 5 mA DC (Load resistance 2400 Ω max.)
D: 0 – 20 mA DC (Load resistance 600 Ω max.)
E: 0 – 16 mA DC (Load resistance 750 Ω max.)
F: 0 – 10 mA DC (Load resistance 1200 Ω max.)
G: 0 – 1 mA DC (Load resistance 12 kΩ max.)
GW: -1 – +1 mA DC (Load resistance 10 kΩ max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 1000 Ω min.)
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
1W: -10 – +10 mV DC (Load resistance 10 kΩ min.)
2W: -100 – +100 mV DC (Load resistance 100 kΩ min.)
3W: -1 – +1 V DC (Load resistance 1000 Ω min.)
4W: -10 – +10 V DC (Load resistance 10 kΩ min.)
5W: -5 – +5 V DC (Load resistance 5000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[5] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
[6] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE
/CE: CE marking
(Select ‘2’ for ‘Configuration’ code.)
Custom specification
(Refer to the custom specification list for difference
of specification and combination of code numbers.)
blank: none


Similar Part No. - MEWTF

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MEWT MSYSTEM-MEWT Datasheet
133Kb / 5P
Plug-in Signal Conditioners M-UNIT
MEWT-110-B MSYSTEM-MEWT-110-B Datasheet
133Kb / 5P
Plug-in Signal Conditioners M-UNIT
MEWT-110-B/Q MSYSTEM-MEWT-110-B/Q Datasheet
133Kb / 5P
Plug-in Signal Conditioners M-UNIT
MEWT-110-C MSYSTEM-MEWT-110-C Datasheet
133Kb / 5P
Plug-in Signal Conditioners M-UNIT
MEWT-110-C/Q MSYSTEM-MEWT-110-C/Q Datasheet
133Kb / 5P
Plug-in Signal Conditioners M-UNIT
More results

Similar Description - MEWTF

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com