Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEPA Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MEPA
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MEPA Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MEPA Datasheet HTML 1Page - M-System Co.,Ltd. MEPA Datasheet HTML 2Page - M-System Co.,Ltd. MEPA Datasheet HTML 3Page - M-System Co.,Ltd. MEPA Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: MEPA
MEPA SPECIFICATIONS
ES-1925 Rev.1 Page 3/4
http://www.m-system.co.jp/
CONNECTION DIAGRAM
LOAD
1
2
3
SOURCE
1L
1S
k
l
L
K
9
4
5
6
+
–
1
2
OUTPUT
■3-PHASE/3-WIRE
10
11
U(+)
V(–)
POWER
**
*
P3
U
P2
V
u
v
FUSE
VT
*CT Protector (model: CTM) attached to these terminals.
**The transducer can be powered from the input voltage
    when the voltage is sufficiently stable and meets
    other supply voltage requirements.
CT
EXTERNAL DIMENSIONS unit: mm (inch)
5
6
7
8
2
1
11
10
50 (1.97)
107 (4.21)
136 (5.35)
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
25 (.98) deep
11–M3.5
SCREW
• When mounting, no extra space is needed between units.
3
9
4
TERMINAL ASSIGNMENTS unit: mm (inch)
7
8
2
1
11
10
3
9
4
CT PROTECTOR
(model: CTM)
5
6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com