Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDC-2-F Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MDC-2-F
Description  Plug-in Signal Conditioners M-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDC-2-F Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MDC-2-F Datasheet HTML 1Page - M-System Co.,Ltd. MDC-2-F Datasheet HTML 2Page - M-System Co.,Ltd. MDC-2-F Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: MDC
MDC SPECIFICATIONS
ES-9222 Rev.5 Page 2/3
http://www.m-system.co.jp/
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 290 g (0.64 lb)
PERFORMANCE in percentage of span
Temp. coefficient:
MDC-1, -2: ±0.03 %/°C (±0.02 %/°F)
MDC-3: ±0.03 %/°C (±0.02%/°F) at 24 V
Ripple:
MDC-1, -2: 15 mVp-p max. at 50 mA output
MDC-3: 15 mVp-p max. at 24 V/65 mA output
Load effect:
MDC-1, -2: -0.1 % or -5 mV, whichever is greater as
absolute value with 0 – 50 mA variation
MDC-3: -0.1 % max. with 0 – 65 mA variation at 24 V
Line voltage effect:
MDC-1, -2: -±0.5 % over voltage range
MDC-3: ±0.5 % over voltage range at 24 V
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute (output to power
to ground)
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
3
4
5
6
2
1
8
7
50 (1.97)
107 (4.21)
127 (5)
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
15 (.59) deep
8–M3.5
SCREW
• When mounting, no extra space is needed between units.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com