Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDU-AM2R-F Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # PDU-AM2R-F
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PDU-AM2R-F Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  PDU-AM2R-F Datasheet HTML 1Page - M-System Co.,Ltd. PDU-AM2R-F Datasheet HTML 2Page - M-System Co.,Ltd. PDU-AM2R-F Datasheet HTML 3Page - M-System Co.,Ltd. PDU-AM2R-F Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: PDU
PDU SPECIFICATIONS
ES-1368 Rev.10 Page 1/4
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
PULSE SCALER
(pulse dividing; selectable range)
Functions & Features
• Galvanically isolating pulse rate signals and converting
them into convenient engineering unit
• Excitation
• Scaling factor adjustable with the front switches
• Uniform output pulse
• Various outputs (relay, open collector and voltage pulses)
• Isolation up to 2000 V AC
• High-density mounting
Typical Applications
• Positive displacement flowmeters and turbine meters
• Dry contact signal produced at rotating machine
50
(1.97)
127
(5)
80
(3.15)
mm (inch)
MODEL: PDU–[1][2][3][4]–[5][6]
ORDERING INFORMATION
• Code number: PDU-[1][2][3][4]-[5][6]
Specify a code from below for each of [1] through [6].
(e.g. PDU-CM1N-B/Q)
• Use Ordering Information Sheet (No. ESU-1368). Default
setting (table below) will be used if not otherwise specified.
• Specify the specification for option code /Q
(e.g. /C01/S01)
Factory default setting
ITEM
DEFAULT
Scaling factor
1 / (1X10^
0)
Output pulse
width
Approx. 50% duty ratio at the max.
input frequency (400 msec. max.);
Limited to the range indicated in Out-
put Pulse Width code 3 for relay output
Filter
Without;
For dry contact input with frequency
≤10 Hz, the filter is automatically
provided.
[1] INPUT
A: Dry contact
B: Voltage pulse (Specify sensitivity)
C: 5 V pulse (sensitivity 2 V)
D: 12 V/24 V pulse (sensitivity 5 V)
H: Two-wire current pulse
[2] OUTPUT
A: Open collector (max. 100 kHz)
M: 5 V pulse (max. 100 kHz)
N: 12 V pulse (max. 100 kHz)
P: 24 V pulse (max. 100 kHz)
H: Relay contact (max. 5 Hz)
( ) = Max. frequency
[3] OUTPUT PULSE WIDTH
1: One-shot output (5 – 200 μsec.)
(Not selectable with relay contact.)
2: One-shot output (0.18 – 9 msec.)
(Not selectable with relay contact.)
3: One-shot output (9 – 400 msec.)
[4] OUTPUT LOGIC
N: The same as the input
R: Inverted
[5] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
DC Power
S: 12 V DC
R: 24 V DC
V: 48 V DC
[6] OPTIONS
blank: none
/Q: With options (specify the specification)


Similar Part No. - PDU-AM2R-F

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
PDU-12486 BELDEN-PDU-12486 Datasheet
137Kb / 2P
PDU Mon Outl Disp V Env Upg 230/400V 32A 3PNE (12)LC13(12)LC19
01-22-2025
PDU-12489 BELDEN-PDU-12489 Datasheet
137Kb / 2P
PDU Mon Outl Disp V Env Upg 230V 32A 2PE (20)LC13(4)LC19
05-31-2024
PDU-12490 BELDEN-PDU-12490 Datasheet
137Kb / 2P
PDU Mon Outl Disp V Env Upg 230V 32A 2PE (18)LC13(6)LC19
01-22-2025
PDU-12502 BELDEN-PDU-12502 Datasheet
126Kb / 2P
PDU SW Unit Disp V Env Upg 230V 16A 2PE (10)LC13(2)LC19
05-31-2024
PDU-12512 BELDEN-PDU-12512 Datasheet
137Kb / 2P
PDU SW Unit Disp V Env Upg 230V 32A 2PE (30)LC13(6)
05-31-2024
More results

Similar Description - PDU-AM2R-F

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com