Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5459 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5459
Description  high integrated solution for lithium/polymer battery protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5459 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5459 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5459 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5459 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5459 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5459 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5459 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Shenzhen H&M Semiconductor Co.Ltd
http: //www.hmsemi.com
6
HM5459
FUNCTIONAL DESCRIPTION
The HM5459 monitors the voltage and current of a battery and protects it from being
damaged due to overcharge voltage, over-discharge voltage, over-discharge current, and short
circuit conditions by disconnecting the battery from the load or charger. These functions are
required in order to operate the battery cell within specified limits.
The device requires only one external capacitor. The MOSFET is integrated and its RDS(ON) is
as low as 53mΩ typical.
Overcharge Condition
When the battery voltage becomes higher than the overcharge detection voltage (VDET1)
during charging under normal condition and the state continues for the overcharge detection delay
time (VDET1) or longer, the HM5459 turns the charging control FET off to stop charging. This
condition is called the overcharge condition. The overcharge condition is released in the following
two cases:
1: When the battery voltage drops below the overcharge release voltage (VRET1), the HM5459
turns the charging control FET on and returns to the normal condition.
2: When load is connected and discharging starts, the HM5459 turns the charging control FET
on and returns to the normal condition. The release mechanism is as follows: the discharging
current flows through an internal parasitic diode of the charging FET immediately after load is
connected and discharging starts, and the batt- pin voltage increases about 0.7 V (forward voltage
of the diode) from the GND pin voltage momentarily. The HM5459 detects this voltage and
releases the overcharge condition. Consequently, in the case that the battery voltage is equal to or
lower than the overcharge detection voltage (VDET1), the HM5459 returns to the normal condition
immediately, but in the case the battery voltage is higher than the overcharge detection voltage
(VDET1), the chip does not return to the normal condition until the battery voltage drops below the
overcharge detection voltage (VDET1) even if the load is connected. In addition, if the batt- pin
voltage is equal to or lower than the over current 1 detection voltage when load is connected and
discharging starts, the chip does not return to the normal condition.
Over-discharge Condition
When the battery voltage drops below the over-discharge detection voltage ( VDET2) during
discharging under normal condition and it continues for the over-discharge detection delay time
(TVDET2) or longer, the HM5459 turns the discharging control FET off and stops discharging. This
condition is called over-discharge condition. After the discharging control FET is turned off, the
batt- pin is pulled up by the resistor between batt- and VDD in HM5459.
Meanwhile when batt- is bigger than 1.5V (typ.) (the load short-circuiting detection voltage),
the current of the chip is reduced to the power-down current (IPDN). This condition is called
power-down condition. The batt- and VDD pins are shorted by the resistor in the IC under the
over-discharge and power-down conditions. The power-down condition is released , when charger
is connected and the potential difference between batt- and VDD becomes 1.3 V (typ.) or higher
(load short-circuiting detection voltage). At this time, the FET is still off. When the battery voltage
becomes the over-discharge detection voltage (VDET2) or higher (see note), the HM5459 turns the
FET on and changes to the normal condition from the over- discharge condition.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com