Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5421 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5421
Description  built-in high-precision voltage detection circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5421 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5421 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5421 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5421 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5421 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5421 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5421 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5421 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
第 4 页 共 7 页
OD端子输出低电压
VDL
0.2
0.5
V
OC端子输出高电压
VCH
VDD-0.1
VDD-0.02
V
OC端子输出低电压
VCL
0.2
0.5
V
向
0V电池充电的功能(允许或禁止)
充电器起始电压(允许向
0V
电池充电功能)
V0CH
允许向
0V电池充电功
能
1.2
-
-
V
电池电压(禁止向
0V电池充
电功能)
V0IN
禁止向
0V电池充电功
能
-
-
0.5
V
九、
应用电路图
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
B
Date:
30-Nov-2011
Sheet of
File:
E:\E盘\规格书\规格图\规格图-0\ZBO\TC2120.ddb
Drawn By:
+
-
+
-
VDD
VC
VSS
CS
OD
OC
PB+
PB-
R1
R2
R3
电池1
电池2
330Ω
330Ω
2KΩ
C1
C2
0.1uF
0.1uF
M1
M2
标记
器件名称
用途
最小值
典型值
最大值
说明
R1
电阻
限流、稳定
VDD、加强ESD
100Ω
330Ω
470Ω
*1
R2
电阻
限流、稳定
VC、加强ESD
100Ω
330Ω
470Ω
*1
R3
电阻
限流
1 kΩ
2kΩ
4kΩ
*2
C1
电容
滤波,稳定
VDD
0.01μF
0.1μF
1.0μF
*3
C2
电容
滤波,稳定
VDD
0.01μF
0.1μF
1.0μF
*3
M1
N-MOSFET
放电控制
-
-
-
*4
M2
N-MOSFET
充电控制
-
-
-
*5
*1、R1或R2连接过大电阻,由于芯片消耗的电流会在R1或R2上产生压降,影响检测电压精度。当充电器反接时,
电流从充电器流向
IC,若R1或R2过大有可能导致VDD-VSS端子间电压超过绝对最大额定值的情况发生。
*2、R3连接过大电阻,当连接高电压充电器时,有可能导致不能切断充电电流的情况发生。但为控制充电器反接
时的电流,请尽可能选取较大的阻值。
HM5421B/C
双节锂电池保护
IC
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com