Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5301 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5301
Description  3CH Power Management IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5301 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5301 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5301 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5301 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5301 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5301 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5301 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5301 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5301 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5301 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Ver. 1.3
4
 
Datasheet
3CH Power Management IC
 
 
 
Absolute Maximum Ratings
Parameter
Value
Input Voltage (VVIN1, VVIN2, VVIN3, VVCC)
-0.3V to +6.5V
SW Pin Voltage (VLX1, VLX2, VLX3)
-0.3V to VVINX+0.3V
All Other Pins Voltage
-0.3V to +6.5V
Ambient Temperature operating Range (TA)
-40°C to +85°C
Maximum Junction Temperature (TJmax)
+150°C
Lead Temperature (Soldering, 10 sec)
+260°C
Storage Temperature Range (TS)
-65°C to +150°C
Note (1):Stresses beyond those listed under ”Absolute Maximum Ratings” may cause permanent damage to the device.
Exposure to “Absolute Maximum Ratings” conditions for extended periods may affect device reliability and
lifetime.
 
 
 
 
Package Thermal Characteristics
Parameter
Value
QFN 3x3-20 Thermal Resistance (θJC)
7.5°C/W
QFN 3x3-20 Thermal Resistance (θJA)
67°C/W
QFN 3x3-20 Power Dissipation at TA=25°C (PDmax)
1.87W
Note (1): PDmax is calculated according to the formula: PDMAX=(TJMAX-TA)/ θJA.
 
 
 
 
Recommended Operating Conditions
Parameter
Value
Input Voltage (VVIN1, VVIN2, VVIN3, VVCC)
+2.7V to +5.5V
Junction Temperature Range (TJ)
-40°C to +125°C
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com