Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5266 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5266
Description  IC for Apple Headphone Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5266 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5266 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5266 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5266 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5266 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HM5266
苹果耳机线专用
IC
BOM 表
序号
元件名称
型号
&规格
单位
用量
位置
1
PCB 板
HM5266
PCS
1
2
贴片电阻
10K
5% 0402
PCS
1
R1
3
IC
HM5266
PCS
1
IC
4
电容咪头
4013 贴片
PCS
1
MIC
5
锅仔片
直径
3mm
PCS
3
K1\2\3
封装信息



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com