| Electronic Components Datasheet Search |
|
PPD-H1N1N-R Datasheet(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
PPD-H1N1N-R Datasheet(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 5 page ![]() MODEL: PPD PPD SPECIFICATIONS ES-1370 Rev.13 Page 4/5 http://www.m-system.co.jp/ EXTERNAL VIEW Note: This unit is factory calibrated according to the Ordering Information. If you need to change hardware setting, refer to the instruction manuals of the transmitter. Sensitivity Adj. (VL) Sensor Excitation Adj. Sensitivity Adj. (VH) Input Monitor LED PL1 Input Monitor LED PL2 (not used, always ON) Set each switch according to the table below. (front cover open) Fixed to the above setting (except No. 3)** SW2 SW1 O N 7 8 6 5 4 3 2 1 O N 7 8 6 5 4 3 2 1 OUTPUT LOGIC H L VOLTAGE PULSE OUTPUT WAVEFORM OPEN COLLECTOR or POWER PHOTO MOSFET RELAY The pulse width in one-shot means the bold lined section of a pulse waveform. No pulse width conversion One-shot, detecting input pulse rise Non Inverted VOLTAGE PULSE or 2-WIRE CURRENT PULSE DRY CONTACT INPUT WAVEFORM H H L H H L L H L OFF ON L L H One-shot, detecting input pulse drop H L No pulse width conversion One-shot, detecting input pulse rise Inverted H H L H H L L L L H One-shot, detecting input pulse drop OFF ON No pulse width conversion One-shot, detecting input pulse rise Non Inverted OFF ON OFF ON OFF ON OFF ON OFF ON OFF ON OFF ON OFF ON OFF ON OFF ON OFF ON One-shot, detecting input pulse drop No pulse width conversion One-shot, detecting input pulse rise Inverted One-shot, detecting input pulse drop |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |