Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4200SC Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P4200SC
Description  Bi-directional crowbar transient voltage protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P4200SC Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P4200SC Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P4200SC Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P4200SC Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P4200SC Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd P4200SC Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Solder Reflow Recommendations
●
Recommended reflow methods: IR, vapor
phase oven, hot air oven, wave solder.
●
The device can be exposed to a maximum
temperature of 265°C for 10 seconds.
●
Devices can be cleaned using standard
industry methods and solvents.
Notes: If reflow temperatures exceed the
recommended profile, devices may
not meet the performance requirements
Thermal Considerations
Package DO-214AC/SMA
Symbol
Parameter
Value
Unit
TJ
Operating Junction Temperature
-40 to +150
℃
TS
Storage Temperature Range
-40 to +150
℃
RθJA
Junction to Ambient on printed circuit
90
℃
/W
P4200SC
Rev :
www.leiditech.com
01.06.2018
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com