Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDU-AP2R-G Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # PDU-AP2R-G
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PDU-AP2R-G Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  PDU-AP2R-G Datasheet HTML 1Page - M-System Co.,Ltd. PDU-AP2R-G Datasheet HTML 2Page - M-System Co.,Ltd. PDU-AP2R-G Datasheet HTML 3Page - M-System Co.,Ltd. PDU-AP2R-G Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: PDU
PDU SPECIFICATIONS
ES-1368 Rev.10 Page 3/4
http://www.m-system.co.jp/
PERFORMANCE
Response time:
≤ 25 μsec. without filter
≤ 2 msec. with filter
≤ 20 msec. with relay contact pulse
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
EXTERNAL VIEW
Note: This unit is factory calibrated according to the Ordering Information Sheet.
Front Cover (open)
Pulse Width Adj.
Not Used
Sensitivity Adj.
10
3
10
2
10
1
10
0
10
n
Pulse
Rate
OUTPUT LOGIC
OFF
OFF
H
H
H
H
OFF
ON
OFF
ON
H
L
H
L
OFF
ON
OFF
ON
ON
L
L
L
L
ON
INPUT TYPE
Voltage Pulse Input
2-wire Current Pulse Input
ON current (H)
OFF current (L)
Dry Contact Input
The pulse width in one-shot means the bold lined section of a pulse waveform.
PULSE LOGIC
Non Inverted
Inverted
Non Inverted
Inverted
INPUT
VOLTAGE PULSE
OUTPUT
OPEN COLLECTOR
or RELAY CONTACT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com