Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPD-H4P3N-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # PPD-H4P3N-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PPD-H4P3N-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  PPD-H4P3N-R Datasheet HTML 1Page - M-System Co.,Ltd. PPD-H4P3N-R Datasheet HTML 2Page - M-System Co.,Ltd. PPD-H4P3N-R Datasheet HTML 3Page - M-System Co.,Ltd. PPD-H4P3N-R Datasheet HTML 4Page - M-System Co.,Ltd. PPD-H4P3N-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: PPD
PPD SPECIFICATIONS
ES-1370 Rev.13 Page 3/5
http://www.m-system.co.jp/
Amplitude
Vinp-p
t
Volts
Sensitivity Level
Input Monitor LED
VH
VL
0V
OFF
ON
sVoltage pulse (example)
OUTPUT SPECIFICATIONS
■ High Power Photo MOSFET Relay
Maximum frequency: 20 Hz
• Rise time: 5 msec.
• Sink time: 3 msec.
Rating: 120 V AC or 120 V DC @ 200 mA (resistive load)
On resistance: 3 Ω
■ Open Collector
Maximum frequency: 100 kHz
50 V DC @ 50 mA (resistive load)
Saturation voltage: 0.5 V DC
■ Voltage Pulse: Rating (5, 12 or 24 V) ±10 %
Maximum frequency: 100 kHz (50 kHz for 24 V)
Load resistance: ≥ 1.2 kΩ
Low level: ≤ 0.5 V
OUTPUT PULSE WIDTH
■ Equal to the input: Output waveforms have the same
period and duty ratio as those of input waveforms (when DC
coupled).
■ One-shot Output
The PPD detects a pulse sink and outputs [input pulse width
±20 %]; 50 msec. standard
Note: 2 types of one-shot detection are available: pulse rise
or sink. Refer to the table on the "Output Logic" section and
specify when ordering.
Optional pulse width: 30 μsec. – 300 msec.
INSTALLATION
Power consumption
•AC: Approx. 6 VA
•DC: Approx. 6 W (230 mA at 24 V)
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 200 g (0.44 lb)
PERFORMANCE
Response time
Open collector or voltage pulse: the output is delayed at
both pulse rise and fall by 3 μsec. each. The delay could be
much longer for certain types of load for open collector.
High power photo MOSFET relay: the output is delayed by
10 msec. at the rise, by 3 msec. at the fall.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com