Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPD-A1H3N-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # PPD-A1H3N-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PPD-A1H3N-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  PPD-A1H3N-R Datasheet HTML 1Page - M-System Co.,Ltd. PPD-A1H3N-R Datasheet HTML 2Page - M-System Co.,Ltd. PPD-A1H3N-R Datasheet HTML 3Page - M-System Co.,Ltd. PPD-A1H3N-R Datasheet HTML 4Page - M-System Co.,Ltd. PPD-A1H3N-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: PPD
PPD SPECIFICATIONS
ES-1370 Rev.13 Page 1/5
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
PULSE ISOLATOR
(built-in excitation)
Functions & Features
• Galvanically isolating pulse rate signals
• Input frequency = output frequency
• Various outputs (relay, open collector and voltage pulses)
• Excitation
• Isolation up to 2000 V AC
• High-density mounting
Typical Applications
• Isolating field pulse signals in order to reduce noises
• Changing e.g. dry contact signal to e.g. 5 V signals
50
(1.97)
127
(5)
80
(3.15)
mm (inch)
MODEL: PPD–[1][2][3][4][5]–[6][7]
ORDERING INFORMATION
• Code number: PPD-[1][2][3][4][5]-[6][7]
Specify a code from below for each of [1] through [7].
(e.g. PPD-D4A3N-K/Q)
• Frequency range (e.g. 0 – 10 kHz)
• Output pulse width (e.g. 75 msec.)
Use Ordering Information
Sheet (No. ESU-1370). Default setting (table below) will be
used if not otherwise specified.
• Specify the specification for option code /Q
(e.g. /C01/S01)
Factory setting
■ PULSE INPUT SETTING
•Dry Contact
Input
Semiconductor contact
Filter
W/O (without)
Threshold 0 – 15 V
2 V
Hysteresis 0 – 5 V
0.5 V
•Voltage pulse
Input waveform
Square
Input coupling
DC
Input amplitude
0.5 – 50 Vp-p
Offset
≤ 50 V
Filter
W/O (without)
Threshold 0 – 15 V
1/2 amplitude
Hysteresis 0 – 5 V
0.5 V
•5 V voltage pulse
Filter
W/O (without)
•12 V, 24 V voltage pulse
Filter
W/O (without)
•
2- wire current pulse
ON current (H) 0 – 25 mA
14.5 mA
OFF current (L) 0 – 25 mA
9.5 mA
Filter
W/O (without)
■ SETTINGS FOR PULSE OUTPUT
Output pulse width
50 ms
[1] INPUT
A: Dry contact
B: Voltage pulse (Specify sensitivity)
C: 5 V pulse (sensitivity 2 V)
D: 12 V/24 V pulse (sensitivity 5 V)
H: Two-wire current pulse
[2] EXCITATION
1: 5 V DC @ 120 mA
4: 12 V DC @ 60 mA
7: 24 V DC @ 25 mA
[3] OUTPUT
A: Open collector (max. 100 kHz)
M: 5 V pulse (max. 100 kHz)
N: 12 V pulse (max. 100 kHz)
P: 24 V pulse (max. frequency 50 kHz)
H: High power photo MOSFET relay (max. 20 Hz)
( ) = Max. frequency
[4] OUTPUT PULSE WIDTH
1: Equal to the input
3: One-shot output (std. pulse width 50 msec.)
(Specify when optional pulse width is required.)


Similar Part No. - PPD-A1H3N-R

ManufacturerPart #DatasheetDescription
logo
3M Electronics
PPD 3M-PPD Datasheet
156Kb / 3P
3M??Fire Barrier Plastic Pipe Device (PPD)
logo
ABL Aluminium Component...
PPD ABL-PPD Datasheet
749Kb / 6P
HEATSINK SELECTION
logo
Thinking Electronic Ind...
PPD05180HA1B2 THINKING-PPD05180HA1B2 Datasheet
384Kb / 17P
Overload Protection
PPD05180MA1B2 THINKING-PPD05180MA1B2 Datasheet
384Kb / 17P
Overload Protection
PPD05180NA1B2 THINKING-PPD05180NA1B2 Datasheet
384Kb / 17P
Overload Protection
More results

Similar Description - PPD-A1H3N-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com