Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPD-B1H3N-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # PPD-B1H3N-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PPD-B1H3N-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  PPD-B1H3N-R Datasheet HTML 1Page - M-System Co.,Ltd. PPD-B1H3N-R Datasheet HTML 2Page - M-System Co.,Ltd. PPD-B1H3N-R Datasheet HTML 3Page - M-System Co.,Ltd. PPD-B1H3N-R Datasheet HTML 4Page - M-System Co.,Ltd. PPD-B1H3N-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: PPD
PPD SPECIFICATIONS
ES-1370 Rev.13 Page 2/5
http://www.m-system.co.jp/
[5] OUTPUT LOGIC
N: The same as the input
R: Inverted
[6] POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 66 Hz)
DC Power
S: 12 V DC
(Operational voltage range 12 V ±10 %, ripple 10 %p-p max.)
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
V: 48 V DC
(Operational voltage range 48 V ± 10 % , ripple 10 % p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[7] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input or sensor exc. to output to power
DIP SW1 & SW2: Used for input spec. setting
Input monitor (PL1): Red LED blinks when pulse input
Input monitor (PL2): Not used
Excitation adjustment: 5 – 24 V DC
Input pulse sensing: DC coupled standard or AC coupled
Input filter: None, 10 ms (for chattering), 0.1 ms (for noise),
selectable with DIP switch
INPUT SPECIFICATIONS
Excitation: Shortcircuit protection; approx. 440 mA at
shortcircuit
Pulse width time requirement: ≥ 5 μsec.
The detecting levels shown below are default value. Refer to
the manual for adjustment.
■ Dry Contact
Max. frequency: 100 kHz
Detecting Conditions
Exc. code: 1
Sensing: 5 V DC / 0.5 mA
Detecting level:
OFF: ≥ 2.25 V / ≥ 8.2 kΩ
ON: ≤ 1.75 V / ≤ 5.3 kΩ
Exc. code: 4
Sensing: 12 V DC / 1.2 mA
Detecting level:
OFF: ≥ 2.25 V / ≥ 2.3 kΩ
ON: ≤ 1.75 V / ≤ 1.7 kΩ
Exc. code: 7
Sensing: 16 V DC / 2.4 mA
Detecting level:
OFF: ≥ 2.25 V / ≥ 1 kΩ
ON: ≤ 1.75 V / ≤ 0.8 kΩ
Sensing voltage means the excitation supply to the sensor
and the current value indicates that at shortcircuit.
Detecting level means the threshold used to determine ON
or OFF status of the pulses and the resistance values
indicated that of the sensor.
■ Voltage Pulse
Maximum frequency: 100 kHz
• Customised pulse: Specify DC offset and amplitude.
Waveform: Square or sine
Input impedance: ≥ 10 kΩ
Input amplitude: 0.5 – 50 Vp-p
Max. voltage between input terminals: 50 V
• 5 V, 12 V, 24 V Pulse
Waveform: Square or sine
Input impedance: ≥ 10 kΩ
Detecting level
5 V Pulse: VH ≥ 2.25 V, VL ≤ 1.75 V
12 V / 24 V Pulse: VH ≥ 5.25 V, VL ≤ 4.75 V
(VH – VL ≥ 500 mV)
■ Two-wire Current Pulse
Max. frequency: 100 kHz
Input resistance: receiving resistor 100 Ω
Input range: 0 – 25 mA
Hi/Lo level: ≤ 9.5 mA for Lo, ≥ 14.5 mA for Hi
50V max.
Amplitude
Vinp-p
t
Volts
DC Offset
■ Voltage pulse waveform



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com