Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVB Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # SVB
Description  Plug-in Signal Conditioners M-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SVB Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  SVB Datasheet HTML 1Page - M-System Co.,Ltd. SVB Datasheet HTML 2Page - M-System Co.,Ltd. SVB Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: SVB
SVB SPECIFICATIONS
ES-1307 Rev.4 Page 1/3
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
SIGNAL TRANSMITTER
(wide-output)
Functions & Features
• Converts a DC input into a standard process signal
• Isolation up to 2000 V AC
• Fast response type available
• LCD meter
• Max. 30 V output available
• Load resistance 1500 Ω (20 mA output)
• High-density mounting
Typical Applications
• Isolation between control room and field instrumentation
50
(1.97)
127
(5)
80
(3.15)
mm (inch)
MODEL: SVB–[1][2]–[3][4]
ORDERING INFORMATION
• Code number: SVB-[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. SVB-6A-M2/E/K/Q)
• Special input and output ranges (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
A1: 4 – 20 mA DC (Input resistance 50 Ω)
B: 2 – 10 mA DC (Input resistance 500 Ω)
C: 1 – 5 mA DC (Input resistance 1000 Ω)
D: 0 – 20 mA DC (Input resistance 50 Ω)
E: 0 – 16 mA DC (Input resistance 62.5 Ω)
F: 0 – 10 mA DC (Input resistance 100 Ω)
G: 0 – 1 mA DC (Input resistance 1000 Ω)
H: 10 – 50 mA DC (Input resistance 100 Ω)
J: 0 – 10 μA DC (Input resistance 1000 Ω)
K: 0 – 100 μA DC (Input resistance 1000 Ω)
GW: -1 – +1 mA DC (Input resistance 1000 Ω)
FW: -10 – +10 mA DC (Input resistance 100 Ω)
Z: Specify current (See INPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Input resistance 10 kΩ min.)
15: 0 – 50 mV DC (Input resistance 10 kΩ min.)
16: 0 – 60 mV DC (Input resistance 10 kΩ min.)
2: 0 – 100 mV DC (Input resistance 100 kΩ min.)
3: 0 – 1 V DC (Input resistance 1 MΩ min.)
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
4W: -10 – +10 V DC (Input resistance 1 MΩ min.)
5W: -5 – +5 V DC (Input resistance 1 MΩ min.)
0: Specify voltage (See INPUT SPECIFICATIONS)
[2] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 750 - 1500 Ω)
B: 2 – 10 mA DC (Load resistance 1500 - 3000 Ω)
C: 1 – 5 mA DC (Load resistance 3000 - 6000 Ω)
D: 0 – 20 mA DC (Load resistance 750 - 1500 Ω)
E: 0 – 16 mA DC (Load resistance 935 - 1875 Ω)
F: 0 – 10 mA DC (Load resistance 1500 - 3000 Ω)
G: 0 – 1 mA DC (Load resistance 15k - 30kΩ)
DW: -20 – +20 mA DC (Load resistance 500 - 1000Ω)
FW: -10 – +10 mA DC (Load resistance 1000 - 2000Ω)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
8: 0 – 20 V DC (Load resistance 2000 Ω min.)
9: 0 – 30 V DC (Load resistance 3000 Ω min.)
8W: -20 – +20 V DC (Load resistance 2000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
Caution: The load resistance must be within the indicated
range for adequate operation.
[3] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[4] OPTIONS (multiple selections)
Input Signal Indicator
blank: Without
/E: With (0.0 - 100.0 % display)
Response Time (0 – 90 %)
blank: Standard (≤ 0.5 sec.)
/K: Fast Response (≤ 25 msec.)


Similar Part No. - SVB

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
SVB APEX-ELECTRONICS-SVB Datasheet
935Kb / 7P
Compact Slide Potentiometer, 15-100mm travel
logo
M-System Co.,Ltd.
SVB-00-K3 MSYSTEM-SVB-00-K3 Datasheet
102Kb / 3P
Plug-in Signal Conditioners M-UNIT
SVB-00-K3/Q MSYSTEM-SVB-00-K3/Q Datasheet
102Kb / 3P
Plug-in Signal Conditioners M-UNIT
SVB-00-L3 MSYSTEM-SVB-00-L3 Datasheet
102Kb / 3P
Plug-in Signal Conditioners M-UNIT
SVB-00-L3/Q MSYSTEM-SVB-00-L3/Q Datasheet
102Kb / 3P
Plug-in Signal Conditioners M-UNIT
More results

Similar Description - SVB

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com