Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W2MST-DA-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # W2MST-DA-R
Description  Space-saving Dual Output Signal Conditioners Mini-MW Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

W2MST-DA-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  W2MST-DA-R Datasheet HTML 1Page - M-System Co.,Ltd. W2MST-DA-R Datasheet HTML 2Page - M-System Co.,Ltd. W2MST-DA-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: W2MST
W2MST SPECIFICATIONS
ES-5517 Rev.1 Page 2/3
http://www.m-system.co.jp/
Overrange output: Approx. -10 to +105 % (within 0 to 20
mA DC, -10 to +12 V DC)
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
Adjustable individually for each output 1 and output 2.
Setpoint adjustment: -10.0 – +105 %;
0.1 % increments (1 % increments over 100 %)
Display selector: Double-throw SW (front)
UP/DOWN control: Double-throw, momentary SW (front)
■ INDICATORS
Setpoint display: Red LED; 6.4 mm (.25”) 7 segment, 3
digits
Polarity indicator: Dual color (red/green) LED; Red with a
positive set value; Green with a negative set value.
Power saving mode: Indicators turn off when the switches
are left untouched for 1 minute, or when the display
selector is set to the bottom position.
OUTPUT SPECIFICATIONS
■ DC Current: 0 – 20 mA DC
Minimum span: 1 mA
Offset: Max. 1.5 times span
Load resistance: Output drive 15 V max.
■ DC Voltage: -10 – +12 V DC
Minimum span: 5 mV
Offset: Max. 1.5 times span
Load resistance: Output drive 1 mA max.; at ≥ 0.5 V
INSTALLATION
Power Consumption
•AC:
Approx. 4 VA at 100 V
Approx. 5 VA at 200 V
Approx. 6 VA at 264 V
•DC: Approx. 3 W
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 150 g (0.33 lb)
PERFORMANCE in percentage of span
Setting accuracy: ±0.1 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (output 1 to
output 2 to power to ground)
EXTERNAL VIEW
(C) Display Selector
(A) Polarity Indicator LED
(B) Setpoint Display
(E) Zero Adj.
(F) Span Adj.
(G) Zero Adj.
(H) Span Adj.
(D) UP/DOWN Control
Top: ON
Bottom: OFF
ZERO
OUT1
SPAN
ZERO
OUT2
SPAN
RED
(+)
GREEN
(-)
HI
UP
LO
DOWN
MODEL
Output 2
Output 1
• How to Set an Output
Turn the Display Selector (C) to the top position.
The Setpoint Display (B) shows the current setpoint (-10.0 –
+105 %). Press UP/DOWN Control (D) until the display
shows a desired set value.
The Polarity Indicator LED (A) is red when the set value is in
positive range, green when in negative range.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com