Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN_CE Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # SN_CE
Description  Plug-in Signal Conditioners M-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SN_CE Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  SN_CE Datasheet HTML 1Page - M-System Co.,Ltd. SN_CE Datasheet HTML 2Page - M-System Co.,Ltd. SN_CE Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: SN
SN SPECIFICATIONS
ES-1314-CE Rev.8 Page 2/3
http://www.m-system.co.jp/
with 50 mA input
Operational range: 7 – 55 mA DC
(Accuracy is assured within 8 – 55 mA)
Load resistance: 50 – 600 Ω (min. 50 Ω required for
adequate operation)
•INPUT 4 – 20 mA DC / OUTPUT 1 – 5 V DC
INPUT CURRENT [mA]
4
12
20
5.0
approx.
3.7
3.0
approx. 5.0
4.0
•INPUT 10 – 50 mA DC / OUTPUT 1 – 5 V DC
INPUT CURRENT [mA]
10
30
50
5.0
approx.
3.7
3.0
approx. 5.0
4.0
•INPUT 4 – 20mA DC / OUTPUT 4 – 20 mA DC
INPUT CURRENT [mA]
4
12
20
10.0
3.0
approx. 5.6
(load 50
Ω)
6.0
12.0
approx. 5.0
8.0
approx. 3.8
approx. 9.6
(load 250
Ω)
approx. 4.6
approx. 11.6
(load 350
Ω)
•INPUT 10 – 50 mA DC / OUTPUT 4 – 20 mA DC
INPUT CURRENT [mA]
10
30
50
10.0
3.0
approx. 4.9
(load 50
Ω)
6.0
approx. 4.7
8.0
approx. 3.8
approx. 6.5
(load 250
Ω)
approx. 4.1
approx. 9.3
(load 600
Ω)
INSTALLATION
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 200 g (0.44 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.1 %
Temp. coefficient:
• Voltage output: ±0.015 %/°C (±0.008 %/°F)
• Current output: ±0.02 %/°C (±0.01 %/°F)
Response time
Voltage output: ≤ 0.5 sec. (0 – 90 %)
Current output: Approx. 15 msec. (0 – 90 %)
Load effect (current output)
4 – 20 mA input: 0.015 %/Ω (50 – 150 Ω)
0.003 %/Ω (150 – 350 Ω)
10 – 50 mA input: 0.015 %/Ω (50 – 100 Ω)
0.003 %/Ω (100 – 600 Ω)
(The unit is calibrated with 250 Ω load at the factory.)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength:
500 V AC @ 1 minute (input to output)
1500 V AC @ 1 minute (between channels)
2300 V AC @ 1 minute (input or output to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com