Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN-2HA Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # SN-2HA
Description  Plug-in Signal Conditioners M-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SN-2HA Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  SN-2HA Datasheet HTML 1Page - M-System Co.,Ltd. SN-2HA Datasheet HTML 2Page - M-System Co.,Ltd. SN-2HA Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: SN
SN SPECIFICATIONS
ES-1314-CE Rev.8 Page 1/3
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
INPUT LOOP POWERED ISOLATOR
(CE)
Functions & Features
• Loop-powered design eliminates output loop power supply
• 500 V DC input-to-output isolation
• 2 isolators housed in one enclosure
• 350 Ω output drive with 4 – 20 mA
• High-density mounting
Typical Applications
• Isolation between control room and field instrumentation,
between telemetering system and input device
• Eliminates ground problems in existing systems thanks to
easiness of application without requiring additional power
wiring
50
(1.97)
127
(5)
80
(3.15)
mm (inch)
MODEL: SN–2[1][2]
ORDERING INFORMATION
• Code number: SN-2[1][2]
Specify a code from below for each of [1] and [2].
(e.g. SN-2A6/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
NO. OF CHANNELS
2: 2 channels
[1] INPUT / OUTPUT
A6: 4 – 20 mA DC / 1 – 5 V DC
H6: 10 – 50 mA DC / 1 – 5 V DC
AA: 4 – 20 mA DC / 4 – 20 mA DC
HA: 10 – 50 mA DC / 4 – 20 mA DC
[2] OPTIONS (multiple selections)
Standards & Approvals (must be specified)
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output; between channels
Zero adjustment (front)
Voltage output: -5 to +5 %
Current output: -0.5 to +0.5 %
Span adjustment (front)
Voltage output: 95 to 105 %
Current output: 98.5 to 101.5 %
INPUT & OUTPUT
■ Input 4 – 20 mA DC / Output 1 – 5 V DC
Equivalent input impedance: Approx. 250 Ω with 20 mA
input
Operational range: 3 – 22 mA DC
(Accuracy is assured within 4 – 22 mA)
Load resistance: ≥ 50 kΩ
■ Input 10 – 50 mA DC / Output 1 – 5 V DC
Equivalent input impedance: Approx. 100 Ω with 50 mA
input
Operational range: 7 – 55 mA DC
(Accuracy is assured within 8 – 55 mA)
Load resistance: ≥ 50 kΩ
■ Input 4 – 20 mA DC / Output 4 – 20 mA DC
Equivalent input impedance: 230 Ω plus load resistance with
20 mA input
Operational range: 3 – 22 mA DC
(Accuracy is assured within 4 – 22 mA)
Load resistance: 50 – 350 Ω (min. 50 Ω required for
adequate operation)
■ Input 10 – 50 mA DC / Output 4 – 20 mA DC
Equivalent input impedance: 90 Ω + [load resistance×0.16]


Similar Part No. - SN-2HA

ManufacturerPart #DatasheetDescription
logo
FCL COMPONENTS LIMITED
SN-( )A01C FCL-SN-( )A01C Datasheet
425Kb / 13P
SOLID STATE RELAY (I/O MODULE) MAXIMUM LOAD CURRENT 1A
Rev. February 25, 2025
SN-( )A01C-S FCL-SN-( )A01C-S Datasheet
425Kb / 13P
SOLID STATE RELAY (I/O MODULE) MAXIMUM LOAD CURRENT 1A
Rev. February 25, 2025
SN-( )A01F FCL-SN-( )A01F Datasheet
425Kb / 13P
SOLID STATE RELAY (I/O MODULE) MAXIMUM LOAD CURRENT 1A
Rev. February 25, 2025
SN-( )A01F-S FCL-SN-( )A01F-S Datasheet
425Kb / 13P
SOLID STATE RELAY (I/O MODULE) MAXIMUM LOAD CURRENT 1A
Rev. February 25, 2025
SN-( )A01NVC FCL-SN-( )A01NVC Datasheet
425Kb / 13P
SOLID STATE RELAY (I/O MODULE) MAXIMUM LOAD CURRENT 1A
Rev. February 25, 2025
More results

Similar Description - SN-2HA

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com