Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88853 Datasheet(PDF) 29 Page - ASIX Electronics Corporation

Part # AX88853
Description  100BASE-TX/FX Repeater Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88853 Datasheet(HTML) 29 Page - ASIX Electronics Corporation

Back Button AX88853 Datasheet HTML 25Page - ASIX Electronics Corporation AX88853 Datasheet HTML 26Page - ASIX Electronics Corporation AX88853 Datasheet HTML 27Page - ASIX Electronics Corporation AX88853 Datasheet HTML 28Page - ASIX Electronics Corporation AX88853 Datasheet HTML 29Page - ASIX Electronics Corporation AX88853 Datasheet HTML 30Page - ASIX Electronics Corporation AX88853 Datasheet HTML 31Page - ASIX Electronics Corporation AX88853 Datasheet HTML 32Page - ASIX Electronics Corporation AX88853 Datasheet HTML 33Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
AX88850
PRELIMINARY
ASIX ELECTRONICS CORPORATION
29
4.5 Configuration Register (CONFIG)
Page 0 to Page 3 Address 0h
Bit
Bit Name
Access
Bit Description
D15-D8
Reserved
Written as “0” for future compatibility concern.
Undefined by read.
D7
RST_FLAG
RO
Reset Flag : The bit is set when power on reset and is clear after read
CONFIG register.
D6
RID_CH
RO
Repeater ID Changed : The bit is set when Daisy-Chain RID input
override the current RID or after power on reset. When read CONFIG
register will clear the bit.
D5
DIS_CIPHER
R/W
Disable Cipher Function : Then set the bit at PCS mode, the 5bit symbol
scramble and descrambler function are disable. Default is enable.
D4
MGTEN
R/W
Management Enable : This bit enable all the management counters.
0 : Management Counters disabled. (default)
1 : Management Counters enabled.
D3
COL_LIMIT32
R/W
Collision limit : This bit configures the collision limit for Auto-
Partitioning.
0 : Consecutive Collision limit set to 64 (default). A port will
be partitioned on the 65th consecutive collision.
1 : Consecutive Collision limit set to 32 . A port will
be partitioned on the 33rd consecutive collision.
D2
DIS_PART
R/W
Disable Auto-Partition : Set this bit disable the Auto-Partition
algorithm.
0 : Auto-Partition is not disabled (default)
1 : Auto-Partition is disabled .
D1
PHY_ACCESS
R/W
PHY access enable : This bit enable to access PHY register via MII serial
protocol.
0 : PHY access disabled (default)
1 : PHY access enabled .
D0
RST_RSM
R/W
Reset Repeater State Machines : Setting the bit holds the RSM in reset.
The management event flags and counters are unaffected by this bit.
Setting this bit while a reception is in progress may truncate the packet.
0 : AX88850 in normal operation (default)
1 : AX88850 held in reset .
4.6 Page Register (PAGE)
Page 0 to Page 3 Address 1h
Bit
Bit Name
Access
Bit Description
D15-D8
GEP[3:0]
R/W
D11-D8 : GEP I/O control. Default = 0h for input mode. Otherwise, =1h,
enable output.
D15-D12 : GEP Data . Default = 0h.
When write, D15-D12 value present to GEP[3:0] if enabled.
When read, D15-D12 reflect the GEP[3:0] value.
D7-D2
Reserved
Written as “0” for future compatibility concern.
undefined by read.
D1-D0
PAGE[1:0]
R/W
Those bits setting the register page to be accessed.
PAGE[1:0]
PAGE
0h
0
(default)
1h
1
2h
2
3h
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com