Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS09 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # CMS09
Description  Switching Mode Power Supply Applications Portable Equipment Battery Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMS09 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  CMS09 Datasheet HTML 1Page - Toshiba Semiconductor CMS09 Datasheet HTML 2Page - Toshiba Semiconductor CMS09 Datasheet HTML 3Page - Toshiba Semiconductor CMS09 Datasheet HTML 4Page - Toshiba Semiconductor CMS09 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CMS09
2003-02-17
3
0.5
0.001
0.01
0.1
1
10
100
1000
1
10
100
500
Device mounted on a glass-epoxy board
Soldering land: 2.1 mm
´ 1.4 mm
Device mounted on a glass-epoxy board
Soldering land: 6.0 mm
´ 6.0 mm
Device mounted on a ceramic board
Soldering land: 2.0 mm
´ 2.0 mm
Instantaneous forward voltage vF (V)
Average forward current IF (AV) (A)
Average forward current IF (AV) (A)
Average forward current IF (AV) (A)
iF – vF
PF (AV) – IF (AV)
Ta max – IF (AV)
Device mounted on a glass-epoxy board
(board size: 50 mm
´ 50 mm, land size 6 mm ´ 6 mm)
Ta max – IF (AV)
Device mounted on a ceramic board
(board size: 50 mm
´ 50 mm)
0.1
1
10
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
75°C
125°C
25°C
Tj = 150°C
0.9
0
0
40
160
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
DC
20
60
80
100
120
a = 180°
a = 120°
a = 60°
360°
0°
a
Rectangular
waveform
Conduction angle:
a
IF (AV)
VR = 15 V
140
0
0
40
160
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
DC
20
60
80
100
120
a = 180°
a = 120°
a = 60°
360°
0°
a
Rectangular
waveform
Conduction angle:
a
IF (AV)
VR = 15 V
140
0
0
0.2
0.6
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
DC
0.1
0.3
0.4
a = 180°
a = 120°
a = 60°
0.5
360°
0°
a
Rectangular
waveform
Conduction angle:
a
Time t (s)
rth (j-a) – t



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com