Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W2PP-112N-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # W2PP-112N-R
Description  Space-saving Dual Output Signal Conditioners Mini-MW Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

W2PP-112N-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  W2PP-112N-R Datasheet HTML 1Page - M-System Co.,Ltd. W2PP-112N-R Datasheet HTML 2Page - M-System Co.,Ltd. W2PP-112N-R Datasheet HTML 3Page - M-System Co.,Ltd. W2PP-112N-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: W2PP
W2PP SPECIFICATIONS
ES-5534 Rev.12 Page 2/4
http://www.m-system.co.jp/
RELATED PRODUCTS
• Clamp-on pulse sensor (model: CLSP)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3 screw terminals (torque 0.8 N·m)
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output 1 to output 2 to power
Frequency range: Input and output are the same.
Chattering protection: Filter provided for mechanical
contact input
Input pulse sensing: DC coupled
INPUT SPECIFICATIONS
Excitation: 12 V DC @30 mA; shortcircuit protection
■ Open Collector
Maximum frequency: 10 kHz
Pulse width time requirement: 10 μsec. min. for ON and OFF
Sensing: Approx. 12 V DC @3 mA
ON/OFF level: ≤ 600 Ω / 1.8 V for ON, ≥ 100 kΩ / 3.5 V for
OFF
■ Mechanical Contact
Maximum frequency: 30 Hz
Pulse width time requirement: 10 msec. min. for ON and
OFF
Sensing: Approx. 12 V DC @3 mA
ON/OFF level: ≤ 200 Ω / 0.6 V for ON, ≥ 100 kΩ / 2.5 V for
OFF
■ Voltage Pulse
Maximum frequency: 10 kHz
Pulse width time requirement: 10 μsec. min. for high and
low levels
Waveforms: Square or sine
Hi/Lo level: 2 – 50 V for high level; ≤1 V for low level
Input impedance: 10 kΩ min.
■ Clamp-on Pulse Sensor CLSP
Maximum frequency: 50 000 pulses/hour
ON/OFF level: ≤ 400 Ω / 1.3 V for ON, ≥ 200 kΩ / 12 V for
OFF
OUTPUT SPECIFICATIONS
■ Low Frequency Open Collector:
50 V DC @100 mA (resistive load)
Maximum frequency: 30 Hz
Timer: Limits within 75 ±25 msec.
for wider than 75 msec. pulses
ON time for output logic non-inverted
OFF time for output logic inverted
(When the low frequency open collector or the dry contact
AC/DC switch is selected as one of the outputs, the timer is
applied also to the other output.)
Saturation voltage: 0.5 V DC
■ High Frequency Open Collector:
50 V DC @100 mA (resistive load)
Maximum frequency: 10 kHz
Saturation voltage: 0.5 V DC
■ Voltage Pulse
Maximum frequency: 10 kHz
High level: Rating (5, 12 or 24 V) ±10 %
Low level: ≤ 0.5V
Load resistance:
≥ 250 Ω for 5 V
≥ 600 Ω for 12 V
≥ 1200 Ω for 24 V, output 1
≥ 2400 Ω for 24 V, output 2
■ Dry Contact AC/DC Switch
132 V AC @200 mA (cos ø = 1)
30 V DC @200 mA (resistive load)
Maximum frequency: 30 Hz
Timer: Limits within 75 ±25 msec.
for wider than 75 msec. pulses
ON time for output logic non-inverted
OFF time for output logic inverted
(When the low frequency open collector or the dry contact
AC/DC switch is selected as one of the outputs, the timer is
applied also to the other output.)
Saturation voltage: 3 V DC
INSTALLATION
Power Consumption
•AC:
Approx. 4 VA at 100 V
Approx. 5 VA at 200 V
Approx. 6 VA at 240 V
•DC: Approx. 4 W
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 200 g (0.44 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
1 to output 2 to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com