Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8428 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8428
Description  1 Megabit High Speed Dynamic RAM Controller/Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8428 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DP8428 Datasheet HTML 9Page - National Semiconductor (TI) DP8428 Datasheet HTML 10Page - National Semiconductor (TI) DP8428 Datasheet HTML 11Page - National Semiconductor (TI) DP8428 Datasheet HTML 12Page - National Semiconductor (TI) DP8428 Datasheet HTML 13Page - National Semiconductor (TI) DP8428 Datasheet HTML 14Page - National Semiconductor (TI) DP8428 Datasheet HTML 15Page - National Semiconductor (TI) DP8428 Datasheet HTML 16Page - National Semiconductor (TI) DP8428 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
DP8428DP8429 Mode Descriptions (Continued)
Indicates Dynamic RAM Parameters
TLF8649 – 20
FIGURE 6 Mode 5 Timing
(Refer to
Figure 6 ) In mode 5 the selected RAS follows
RASIN immediately as in mode 4 to strobe the row address
into the DRAMs The row address remains valid on the
DP8429 address outputs long enough to meet the tRAH re-
quirement of the DRAMs (pin 4 RAHS of the DP8429 al-
lows the user two choices of tRAH) Next the column ad-
dress replaces the row address on the address outputs and
CAS goes low to strobe the columns into the DRAMs WIN
determines whether a read write or read-modify-write is
done
The diagram below illustrates mode 5 automatic control sig-
nal generation
TLF8649 – 21
REFRESHING IN CONJUNCTION WITH MODE 5
When using mode 5 to perform memory accesses refresh-
ing may be accomplished
(a)
externally (in mode 0 or mode 1)
(b)
by a combination of mode 5 (hidden refresh) and
mode 1 (auto-refresh)
or
(c)
by a combination of mode 5 and mode 0
(a) Externally Controlled Refreshing in Mode 0 or Mode 1
All refreshing may be accomplished using external refresh-
es in either mode 0 or mode 1 with RC (RFCK) tied high
(see mode 0 and mode 1 descriptions) If this is desired the
system determines when a refresh will be performed puts
the DP8429 in the appropriate mode and controls the RAS
signals directly with RASIN The on-chip refresh counter is
enabled to the address outputs of the DP8429 when the
refresh mode is entered and increments when RASIN goes
high at the completion of the refresh
(b) Mode 5 Refreshing (hidden) with Mode 1 refreshing
(auto)
(Refer to
Figure 7a ) If RFCK is tied to a clock (see mode 1
description) RFIO becomes a refresh request output and
goes low following RFCK going low if no refresh occurred
while RFCK was high Refreshes may be performed in
mode 5 when the DP8429 is not selected for access (CS is
high) and RFCK is high If these conditions exist the refresh
counter contents appear on the DP8429 address outputs
and all RAS lines follow RASIN so that if RASIN goes low
(an access other than through the DP8429 occurs) all RAS
lines go low to perform the refresh The DP8429 allows only
one refresh of this type for each period of RFCK since
RFCK should be fast enough such that one refresh per peri-
od is sufficient to meet the DRAM refresh requirement
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com