Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF10-LCD02F3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF10-LCD02F3
Description  10 line EMI filter and ESD protection for LCD and cameras
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF10-LCD02F3 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF10-LCD02F3 Datasheet HTML 1Page - STMicroelectronics EMIF10-LCD02F3 Datasheet HTML 2Page - STMicroelectronics EMIF10-LCD02F3 Datasheet HTML 3Page - STMicroelectronics EMIF10-LCD02F3 Datasheet HTML 4Page - STMicroelectronics EMIF10-LCD02F3 Datasheet HTML 5Page - STMicroelectronics EMIF10-LCD02F3 Datasheet HTML 6Page - STMicroelectronics EMIF10-LCD02F3 Datasheet HTML 7Page - STMicroelectronics EMIF10-LCD02F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2 Aplac model
EMIF10-LCD02F3
4/8
2
Aplac model
Figure 6.
Device structure (one cell)
Figure 7.
Aplac model variables
MODEL = D2
Rline
MODEL = D1
Lbump
Rbump
Lbump
Rbump
bulk
I1
O1
MODEL = D3
Rbump
Lbump
Cbump
Rgnd
Lgnd
bulk
Rbump
Lbump
Cbump
Rgnd
Lgnd
Rbump
Lbump
Cbump
Rgnd
Lgnd
Rbump
Lbump
Cbump
Rgnd
Lgnd
aplacvar Rline 70
aplacvar C_d1 15p
aplacvar C_d2 15p
aplacvar C_d3 600p
aplacvar Ls 950pH
aplacvar Rs 150m
aplacvar Lbump 50pH
aplacvar Rbump 20m
aplacvar Cbump 150f
aplacvar Lgnd 50pH
aplacvar Rgnd 100m
aplacvar Rsub 10m
Diode D1
BV=7
IBV=1m
CJO=C_d1
M=0.28
RS=0.1
VJ=0.6
TT=100n
Diode D2
BV=7
IBV=1m
CJO=C_d2
M=0.28
RS=0.1
VJ=0.6
TT=100n
Diode D3
BV=7
IBV=1m
CJO=C_d3
M=0.28
RS=0.01
VJ=0.6
TT=100n



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com