Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPAU-HMB-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MPAU-HMB-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MPAU-HMB-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MPAU-HMB-R Datasheet HTML 1Page - M-System Co.,Ltd. MPAU-HMB-R Datasheet HTML 2Page - M-System Co.,Ltd. MPAU-HMB-R Datasheet HTML 3Page - M-System Co.,Ltd. MPAU-HMB-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: MPAU
MPAU SPECIFICATIONS
ES-1690 Rev.8 Page 2/4
http://www.m-system.co.jp/
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-1690)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Overrange output: Approx. 0 to 120 % at 1 – 5V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
Chattering protection: Filter provided for mechanical
contact input (time constant: 1 msec.)
Input monitor LED: Red LED blinks according to the input.
Status indicator: Green LED turns ON in normal
operating conditions.
Input pulse sensing: DC coupled
Frequency adjustments: Rotary switches (front)
Non-uniform pulse compensation: Input pulses divided and
then multiplied for stabilizing the output; dividing factor
adjustable with the front rotary switches (1/1 – 1/ 16,
factory default 1/1)
Damper: Time constant adjustable within 0 to 5 sec.
(factory default 0 sec.) to provide a first order lag output
INPUT SPECIFICATIONS
Excitation: Shortcircuit protection;
12 V DC @ 40 mA (approx. 43 mA at shortcircuit)
or 24 V DC @ 25 mA (approx. 33 mA at shortcircuit)
■ Open Collector
Frequency range: 0 – 1 mHz through 99.99 kHz
(If not specified the default value is used: 0 - 9.999 kHz)
Pulse width time requirement: 4 μsec. min.
Detecting level:
Excitation 12 V
Sensing: 12 V / 1.5 mA
ON/OFF level
ON: ≤ 0.8 kΩ / 1.0 V
OFF: ≥1.7 kΩ / 2.5 V
Excitation 24 V
Sensing: 24 V / 3 mA
ON/OFF level
ON: ≤ 0.35 kΩ / 1.0 V
OFF: ≥ 0.8 kΩ / 2.5 V
■ Mechanical Contact
Frequency range: 0 – 1 mHz through 9.999 Hz
(If not specified the default value is used: 0 - 9.999 Hz)
Pulse width time requirement: 10 msec. min.
Detecting level:
Excitation 12 V
Sensing: 12 V / 1.5 mA
ON/OFF level
ON: ≤ 0.8 kΩ / 1.0 V
OFF: ≥1.7 kΩ / 2.5 V
Excitation 24 V
Sensing: 24 V / 3 mA
ON/OFF level
ON: ≤ 0.35 kΩ / 1.0 V
OFF: ≥ 0.8 kΩ / 2.5 V
■ Proximity Sensor
Frequency range: 0 – 1 mHz through 9.999 kHz
(If not specified the default value is used: 0 - 9.999 kHz)
Pulse width time requirement: ≥ 20 μsec.
Waveform: Square or sinusoidal
Detecting level: Input voltage ±50 V (±30 V to conform with
EU Directive)
≤ 0 mV for Lo, ≥ 150 mV for Hi
Input impedance: ≥ 20 kΩ
■Voltage Pulse
Frequency range: 0 – 1 mHz through 99.99 kHz
(If not specified the default value is used: 0 - 9.999 kHz)
Pulse width time requirement: ≥ 4 μsec.
Waveform: Square or sinusoidal
Detecting level: Input voltage ±50 V (±30 V to conform with
EU Directive)
≤ 1 V DC for Lo, ≥ 2 V DC for Hi
Input impedance: ≥ 20 kΩ
■ Two-wire Current Pulse
Frequency range: 0 – 1 mHz through 99.99 Hz
(If not specified the default value is used: 0 - 99.99 Hz)
Pulse width time requirement: ≥ 10 msec.
Input resistance: 200 Ω
Input range: 0 – 30 mA
Detecting level: ≤ 5 mA for Lo, ≥ 10 mA for Hi
OUTPUT SPECIFICATIONS
■ DC Current: 0 – 20 mA DC
Minimum span: 1 mA
Offset: Max. 1.5 times span
Load resistance: Output drive 15 V max.
■ DC Voltage: -10 – +12 V DC
Minimum span: 5 mV
Offset: Max. 1.5 times span
Load resistance: Output drive 10 mA max.; 5 mA for
negative voltage output; at ≥ 0.5 V
INSTALLATION
Power input
•AC: Operational voltage range: rating ±10 %,



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com