Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5902 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5902
Description  Power Bank IC with 1A Linear Charger and 1.2A Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5902 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5902 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5902 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5902 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5902 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5902 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5902 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5902 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5902 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5902 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Pin Descriptions
SOP-8L (EP)
Top View
EP
Bottom View
Name
No. I / O
Description
LX
1
I
Battery Voltage
GND
2
P
Boost Enable Control
VBAT
3
I
VCC
4
P
PROG
5
I
CHRGB
6
O
Charging Indicator
EN
7
I
CC Charge Current Setting & monitor
FB
8
P
Supply Voltage
EP
9
P
IC Ground , Exposed PAD-Must connect to
Ground
1
2
3
4
8
7
6
5
LX
GND
VBAT
VCC
FB
EN
CHRGB
PROG
Top View
Switch Output. Connect this pin to the
inductor.
Ground.
Feedback Input. The voltage at this pin is
divider between output and ground to set
regulated to 0.6V. Connect to the resistor
output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com