Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7331 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7331
Description  HEXFET Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7331 Datasheet(HTML) 1 Page - International Rectifier

  IRF7331 Datasheet HTML 1Page - International Rectifier IRF7331 Datasheet HTML 2Page - International Rectifier IRF7331 Datasheet HTML 3Page - International Rectifier IRF7331 Datasheet HTML 4Page - International Rectifier IRF7331 Datasheet HTML 5Page - International Rectifier IRF7331 Datasheet HTML 6Page - International Rectifier IRF7331 Datasheet HTML 7Page - International Rectifier IRF7331 Datasheet HTML 8Page - International Rectifier IRF7331 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Parameter
Max.
Units
VDS
Drain- Source Voltage
20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
7.0
ID @ TA= 70°C
Continuous Drain Current, VGS @ 4.5V
5.5
A
IDM
Pulsed Drain Current

28
PD @TA = 25°C
Power Dissipation
ƒ
2.0
PD @TA = 70°C
Power Dissipation
ƒ
1.3
Linear Derating Factor
16
mW/°C
VGS
Gate-to-Source Voltage
± 12
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
7/17/01
Absolute Maximum Ratings
W
www.irf.com
1
IRF7331
HEXFET® Power MOSFET
PD - 94225
VDSS
RDS(on) max (mΩ)
Ω)
Ω)
Ω)
Ω)
ID
20V
30@VGS = 4.5V
7.0A
45@VGS = 2.5V
5.6A
SO-8
These N-Channel HEXFET® power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve the extremely low on-resistance
per silicon area. This benefit provides the designer
with an extremely efficient device for use in battery
and load management applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
power applications. With these improvements, multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infrared, or wave soldering techniques.
Description
l Ultra Low On-Resistance
l Dual N-Channel MOSFET
l Surface Mount
l Available in Tape & Reel
D1
D1
D2
D2
G1
S2
G2
S1
T op V iew
8
1
2
3
4
5
6
7
Symbol
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
RθJA
Junction-to-Ambient
ƒ
–––
62.5
°C/W
Thermal Resistance


Similar Part No. - IRF7331

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7331PBF IRF-IRF7331PBF Datasheet
129Kb / 9P
HEXFET Power MOSFET
IRF7331PBF IRF-IRF7331PBF Datasheet
220Kb / 9P
Ultra Low On-Resistance Dual N-Channel MOSFET
IRF7331PBF IRF-IRF7331PBF Datasheet
220Kb / 9P
Ultra Low On-Resistance
IRF7331PBF-1 IRF-IRF7331PBF-1 Datasheet
200Kb / 9P
Industry-standard pinout SO-8 Package
IRF7331PBF-1 IRF-IRF7331PBF-1_15 Datasheet
200Kb / 9P
Industry-standard pinout SO-8 Package
More results

Similar Description - IRF7331

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com