Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W2XF Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # W2XF
Description  Space-saving Dual Output Signal Conditioners Mini-MW Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

W2XF Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  W2XF Datasheet HTML 1Page - M-System Co.,Ltd. W2XF Datasheet HTML 2Page - M-System Co.,Ltd. W2XF Datasheet HTML 3Page - M-System Co.,Ltd. W2XF Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: W2XF
W2XF SPECIFICATIONS
ES-5507 Rev.4 Page 4/4
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Low Drift
Amplifier
Isolation
Digital
Computation
Circuit
Base Socket
U(+)
V(–)
POWER
+
–
OUTPUT 1
+
–
Isolation
OUTPUT 2
Remark: The section enclosed by broken line is only with 2nd output option.
STATUS
CONFIGURATOR
+
–
CURRENT
(Z1)
–
+
VOLTAGE
(S1, S2)
24.9Ω
Output
Driver
Output
Driver
DIP SW
DIP SW
9
2
4
5
1
JACK
7
8
3
6
10
11
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com