Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34E02 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M34E02
Description  2 Kbit Serial IC Bus EEPROM Serial Presence Detect for DDR2 DIMMs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E02 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M34E02 Datasheet HTML 12Page - STMicroelectronics M34E02 Datasheet HTML 13Page - STMicroelectronics M34E02 Datasheet HTML 14Page - STMicroelectronics M34E02 Datasheet HTML 15Page - STMicroelectronics M34E02 Datasheet HTML 16Page - STMicroelectronics M34E02 Datasheet HTML 17Page - STMicroelectronics M34E02 Datasheet HTML 18Page - STMicroelectronics M34E02 Datasheet HTML 19Page - STMicroelectronics M34E02 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
M34E02
16/23
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, and the DC and AC charac-
teristics of the device. The parameters in the DC
and AC Characteristic tables that follow are de-
rived from tests performed under the Measure-
ment Conditions summarized in the relevant
tables. Designers should check that the operating
conditions in their circuit match the measurement
conditions when relying on the quoted parame-
ters.
Table 8. Operating Conditions
Table 9. AC Measurement Conditions
Figure 12. AC Measurement I/O Waveform
Table 10. Input Parameters
Note: 1. TA = 25 °C, f = 400 kHz
2. Sampled only, not 100% tested.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
1.7
3.6
V
TA
Ambient Operating Temperature
0
70
°C
Symbol
Parameter
Min.
Max.
Unit
CL
Load Capacitance
100
pF
Input Rise and Fall Times
50
ns
Input Levels
0.2VCC to 0.8VCC
V
Input and Output Timing Reference Levels
0.3VCC to 0.7VCC
V
Symbol
Parameter1,2
Test Condition
Min.
Max.
Unit
CIN
Input Capacitance (SDA)
8
pF
CIN
Input Capacitance (other pins)
6
pF
ZEiL
Ei (E0, E1, E2) Input
Impedance
VIN < 0.3VCC
30
k
Ω
ZEiH
Ei (E0, E1, E2) Input
Impedance
VIN > 0.7VCC
800
k
Ω
ZWCL
WC Input Impedance
VIN < 0.3VCC
5k
Ω
ZWCH
WC Input Impedance
VIN > 0.7VCC
500
k
Ω
tNS
Pulse width ignored
(Input Filter on SCL and SDA)
Single glitch
100
ns
AI00825B
0.8VCC
0.2VCC
0.7VCC
0.3VCC
Input and Output
Timing Reference Levels
Input Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com