Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W2XR Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # W2XR
Description  Space-saving Dual Output Signal Conditioners
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

W2XR Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  W2XR Datasheet HTML 1Page - M-System Co.,Ltd. W2XR Datasheet HTML 2Page - M-System Co.,Ltd. W2XR Datasheet HTML 3Page - M-System Co.,Ltd. W2XR Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: W2XR
W2XR SPECIFICATIONS
ES-5503 Rev.7 Page 1/4
http://www.m-system.co.jp/
Space-saving Dual Output Signal Conditioners
Mini-MW Series
RTD TRANSMITTER
(PC programmable)
Functions & Features
• Accepts direct input from a RTD
• 4-wire connection available
• Two independent output ranges
• Linearization and burnout
• PC programmable
• High-density mounting
Typical Applications
• Long distance transmission between the RTD
and the transmitter
• Combination with intrinsic safety barriers
88.5
(3.48)
29.5 (1.16)
124
(4.88)
mm (inch)
MODEL: W2XR–[1][2][3]-[4][5]
ORDERING INFORMATION
• Code number: W2XR-[1][2][3]-[4][5]
Specify a code from below for each [1] through [5].
(e.g. W2XR-4Z1V3-M2/N/Q)
• Temperature range (e.g. 0 – 100°C)
• Output 1 range (e.g. 4 – 20 mA DC)
• Output 2 range (e.g. 1 – 5 V DC)
• Specify the specification for option code /Q
(e.g. /C01/S01/SET)
Note: If one of the outputs should be a current range,
specify it for the Output 1 to allow a greater load.
[1] INPUT RTD
1: JPt 100 (JIS'89)
(Usable range: -200 to +500°C, -328 to +932°F; min.span: 20°C, 36°F)
3: Pt 100 (JIS'89)
(Usable range: -200 to +650°C, -328 to +1202°F; min.span: 20°C, 36°F)
4: Pt 100 (JIS'97, IEC)
(Usable range: -200 to +850°C, -328 to +1562°F; min.span: 20°C, 36°F)
5: Pt 50 Ω (JIS'81)
(Usable range: -200 to +649°C, -328 to +1200°F; min.span: 20°C, 36°F)
7: Pt 1000
(Usable range: -200 to +850°C, -328 to +1562°F; min.span: 20°C, 36°F)
9: Cu 10 @25°C
(Usable range: -50 to +250°C, -58 to +482°F; min.span: 20°C, 36°F)
0: Specify (Please provide a resistance table.)
(Configurator software is used to change the input type and
precise range.)
[2] OUTPUT 1
Current
Z1: Range 0 – 20 mA DC
Voltage
V2: Range -10 – +10 V DC
V3: Range -5 – +5 V DC
(Configurator software is used to change output over the
described range of the selected suffix code.
For changing between suffix codes, set the Output Range
Selector on the side of unit before software adjustment.)
[3] OUTPUT 2
Same range availability as Output 1
Y: None
(Configurator software is used to change output over the
described range of the selected suffix code.
For changing between suffix codes, set the Output Range
Selector on the side of unit before software adjustment.)
[4] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
R2: 11 – 27 V DC
(Operational voltage range 11 – 27 V, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[5] OPTIONS (multiple selections)
Standards & Approvals (must be specified)
/N: Without CE
Other Options
blank: none
/Q: Option other than the above (specify the specification)


Similar Part No. - W2XR

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
W2XF MSYSTEM-W2XF Datasheet
115Kb / 4P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2XF-S1V2V2-M2 MSYSTEM-W2XF-S1V2V2-M2 Datasheet
115Kb / 4P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2XF-S1V2V2-M2/N MSYSTEM-W2XF-S1V2V2-M2/N Datasheet
115Kb / 4P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2XF-S1V2V2-M2/Q MSYSTEM-W2XF-S1V2V2-M2/Q Datasheet
115Kb / 4P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2XF-S1V2V2-R MSYSTEM-W2XF-S1V2V2-R Datasheet
115Kb / 4P
Space-saving Dual Output Signal Conditioners Mini-MW Series
More results

Similar Description - W2XR

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
W2PP MSYSTEM-W2PP Datasheet
121Kb / 4P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2MST MSYSTEM-W2MST Datasheet
113Kb / 3P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2DYS MSYSTEM-W2DYS Datasheet
111Kb / 3P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2CA MSYSTEM-W2CA Datasheet
109Kb / 3P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2PV MSYSTEM-W2PV Datasheet
106Kb / 3P
Space-saving Dual Output Signal Conditioners
W2SP MSYSTEM-W2SP Datasheet
114Kb / 4P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2TG MSYSTEM-W2TG Datasheet
110Kb / 4P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2TS MSYSTEM-W2TS Datasheet
121Kb / 5P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2VS MSYSTEM-W2VS Datasheet
116Kb / 4P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2XT MSYSTEM-W2XT Datasheet
135Kb / 5P
Space-saving Dual Output Signal Conditioners Mini-MW Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com