Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W2XT Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # W2XT
Description  Space-saving Dual Output Signal Conditioners Mini-MW Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

W2XT Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  W2XT Datasheet HTML 1Page - M-System Co.,Ltd. W2XT Datasheet HTML 2Page - M-System Co.,Ltd. W2XT Datasheet HTML 3Page - M-System Co.,Ltd. W2XT Datasheet HTML 4Page - M-System Co.,Ltd. W2XT Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: W2XT
W2XT SPECIFICATIONS
ES-5508 Rev.6 Page 3/5
http://www.m-system.co.jp/
±5.4°F at 77 ±18°F
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) of max. span
Response time: ≤ 1 sec. (0 – 90 %)
Burnout response: ≤ 10 sec.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
1 to output 2 to power to ground)
CALCULATION EXAMPLES OF OVERALL ACCURACY
[Example] K thermocouple, 0 – 1000°C, 4 – 20 mA DC
output
Absolute value accuracy (Table 1): 0.25°C
CJC error (3°C) added: 3.25°C
• Input accuracy = 3.25°C ÷ 1000°C × 100 = 0.325 %
Output span: 16 mA (20 – 4)
• Output accuracy = 20 mA ÷ 16 mA × 0.04 = 0.05 %
Overall accucracy including CJC error = 0.325 + 0.05 =
±0.38 % of span
Table 1.
(PR)
K (CA)
E (CRC)
J (IC)
T (CC)
B (RH)
R
S
C (WRe 5-26)
N
U
L
P (Platinel
Ⅱ)
0 to 1760
-270 to +1370
-270 to +1000
-210 to +1200
-270 to +400
100 to 1820
-50 to +1760
-50 to +1760
0 to 2315
-270 to +1300
-200 to +600
-200 to +900
0 to 1395
±1.00
±0.25
±0.20
±0.25
±0.25
±0.75
±0.50
±0.50
±0.80
±0.30
±0.20
±0.25
±0.25
20
20
20
20
20
20
20
20
20
20
20
20
20
0 to 1760
-150 to +1370
-170 to +1000
-180 to +1200
-170 to +400
400 to 1760
200 to 1760
0 to 1760
0 to 2315
-130 to +1300
-200 to +600
-200 to +900
0 to 1395
THERMO-
COUPLE
MAXIMUM
RANGE
CONFORMANCE
RANGE
ACCURACY
℃
(PR)
K (CA)
E (CRC)
J (IC)
T (CC)
B (RH)
R
S
C (WRe 5-26)
N
U
L
P (Platinel
Ⅱ)
32 to 3200
-454 to +2498
-454 to +1832
-346 to +2192
-454 to +752
212 to 3308
-58 to +3200
-58 to +3200
32 to 4199
-454 to +2372
-328 to +1112
-328 to +1652
32 to 2543
±1.80
±0.45
±0.36
±0.45
±0.45
±1.35
±0.90
±0.90
±1.44
±0.54
±0.36
±0.45
±0.45
36
36
36
36
36
36
36
36
36
36
36
36
36
32 to 3200
-238 to +2498
-274 to +1832
-292 to +2192
-274 to +752
752 to 3200
392 to 3200
32 to 3200
32 to 4199
-202 to +2372
-328 to +1112
-328 to +1652
32 to 2543
MAXIMUM
RANGE
ACCURACY
°F
THERMO-
COUPLE
MIN.
SPAN
MIN.
SPAN
CONFORMANCE
RANGE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com