Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34E02-FMB1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M34E02-FMB1
Description  2 Kbit Serial IC Bus EEPROM Serial Presence Detect for DDR2 DIMMs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E02-FMB1 Datasheet(HTML) 5 Page - STMicroelectronics

  M34E02-FMB1 Datasheet HTML 1Page - STMicroelectronics M34E02-FMB1 Datasheet HTML 2Page - STMicroelectronics M34E02-FMB1 Datasheet HTML 3Page - STMicroelectronics M34E02-FMB1 Datasheet HTML 4Page - STMicroelectronics M34E02-FMB1 Datasheet HTML 5Page - STMicroelectronics M34E02-FMB1 Datasheet HTML 6Page - STMicroelectronics M34E02-FMB1 Datasheet HTML 7Page - STMicroelectronics M34E02-FMB1 Datasheet HTML 8Page - STMicroelectronics M34E02-FMB1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5/23
M34E02
SIGNAL DESCRIPTION
Serial Clock (SCL)
This input signal is used to strobe all data in and
out of the device. In applications where this signal
is used by slave devices to synchronize the bus to
a slower clock, the bus master must have an open
drain output, and a pull-up resistor can be con-
nected from Serial Clock (SCL) to VCC. (Figure 4
indicates how the value of the pull-up resistor can
be calculated). In most applications, though, this
method of synchronization is not employed, and
so the pull-up resistor is not necessary, provided
that the bus master has a push-pull (rather than
open drain) output.
Serial Data (SDA)
This bi-directional signal is used to transfer data in
or out of the device. It is an open drain output that
may be wire-OR’ed with other open drain or open
collector signals on the bus. A pull up resistor must
be connected from Serial Data (SDA) to VCC. (Fig-
ure 4 indicates how the value of the pull-up resistor
can be calculated).
Chip Enable (E0, E1, E2)
These input signals are used to set the value that
is to be looked for on the three least significant bits
(b3, b2, b1) of the 7-bit Device Select Code. In the
end application, E0, E1 and E2 must be directly
(not through a pull-up or pull-down resistor) con-
nected to VCC or VSS to establish the Device Se-
lect Code. When these inputs are not connected,
an internal pull-down circuitry makes (E0,E1,E2) =
(0,0,0).
The E0 input is used to detect the VHV voltage,
when decoding an SWP or CWP instruction.
Write Control (WC)
This input signal is provided for protecting the con-
tents of the whole memory from inadvertent write
operations. Write Control (WC) is used to enable
(when driven Low) or disable (when driven High)
write instructions to the entire memory area or to
the Protection Register.
When Write Control (WC) is tied Low or left
unconnected, the write protection of the first half of
the memory is determined by the status of the
Protection Register.
Figure 4. Maximum RL Value versus Bus Capacitance (CBUS) for an I
2C Bus
AI01665
VCC
CBUS
SDA
RL
MASTER
RL
SCL
CBUS
100
0
4
8
12
16
20
CBUS (pF)
10
1000
fc = 400kHz
fc = 100kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com