Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34E02-FDW1 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M34E02-FDW1
Description  2 Kbit Serial IC Bus EEPROM Serial Presence Detect for DDR2 DIMMs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E02-FDW1 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M34E02-FDW1 Datasheet HTML 15Page - STMicroelectronics M34E02-FDW1 Datasheet HTML 16Page - STMicroelectronics M34E02-FDW1 Datasheet HTML 17Page - STMicroelectronics M34E02-FDW1 Datasheet HTML 18Page - STMicroelectronics M34E02-FDW1 Datasheet HTML 19Page - STMicroelectronics M34E02-FDW1 Datasheet HTML 20Page - STMicroelectronics M34E02-FDW1 Datasheet HTML 21Page - STMicroelectronics M34E02-FDW1 Datasheet HTML 22Page - STMicroelectronics M34E02-FDW1 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21/23
M34E02
PART NUMBERING
Table 15. Ordering Information Scheme
For a list of available options (speed, package,
etc.) or for further information on any aspect of this
device, please contact your nearest ST Sales Of-
fice.
Example:
M34E02
–
F DW
1
T
P
Device Type
M34 = ASSP I2C serial access EEPROM
Device Function
E02 = 2 Kbit (256 x 8) SPD (Serial Presence Detect) for DDR2
Operating Voltage
F = VCC = 1.7 to 3.6V (100kHz)
Package
MB = UDFDFPN8 (MLP8)
DW = TSSOP8 (4.4x3mm² body size)
Temperature Range
1 = 0 to 70 °C
Option
blank = Standard Packing
T = Tape & Reel Packing
Plating Technology
blank = Standard SnPb plating
P = Lead-Free and RoHS compliant
G = Lead-Free, RoHS compliant, Sb2O3-free and TBBA-free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com