Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34E02-FMB1P Datasheet(PDF) 12 Page - STMicroelectronics

Part # M34E02-FMB1P
Description  2 Kbit Serial IC Bus EEPROM Serial Presence Detect for DDR2 DIMMs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E02-FMB1P Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M34E02-FMB1P Datasheet HTML 8Page - STMicroelectronics M34E02-FMB1P Datasheet HTML 9Page - STMicroelectronics M34E02-FMB1P Datasheet HTML 10Page - STMicroelectronics M34E02-FMB1P Datasheet HTML 11Page - STMicroelectronics M34E02-FMB1P Datasheet HTML 12Page - STMicroelectronics M34E02-FMB1P Datasheet HTML 13Page - STMicroelectronics M34E02-FMB1P Datasheet HTML 14Page - STMicroelectronics M34E02-FMB1P Datasheet HTML 15Page - STMicroelectronics M34E02-FMB1P Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
M34E02
12/23
Sequential Read
This operation can be used after a Current Ad-
dress Read or a Random Address Read. The bus
master
does acknowledge the data byte output,
and sends additional clock pulses so that the de-
vice continues to output the next byte in sequence.
To terminate the stream of bytes, the bus master
must
not acknowledge the last byte, and must
generate a Stop condition, as shown in Figure 10.
The output data comes from consecutive address-
es, with the internal address counter automatically
incremented after each byte output. After the last
memory address, the address counter ‘rolls-over’,
and the device continues to output data from
memory address 00h.
Acknowledge in Read Mode
For all Read commands, the device waits, after
each byte read, for an acknowledgment during the
9th bit time. If the bus master does not drive Serial
Data (SDA) Low during this time, the device termi-
nates the data transfer and switches to its Stand-
by mode.
INITIAL DELIVERY STATE
The device is delivered with the memory array
erased: all bits are set to 1 (each byte contains
FFh).
USE WITHIN A DDR2 DIMM
In the application, the M34E02 is soldered directly
in the printed circuit module. The three Chip
Enable inputs (E0, E1, E2) must be connected to
VSS or VCC directly (that is without using a pull-up
or pull-down resistor) through the DIMM socket
(see Table 4.). The pull-up resistors needed for
normal behavior of the I2C bus are connected on
the I2C bus of the mother-board (as shown in
Figure 11).
The Write Control (WC) of the M34E02 can be left
unconnected. However, connecting it to VSS is
recommended, to maintain full read and write
access.
Table 4. DRAM DIMM Connections
Programming the M34E02
The situations in which the M34E02 is pro-
grammed can be considered under two headings:
– when the DDR2 DIMM is isolated (not inserted
on the PCB motherboard)
– when the DDR2 DIMM is inserted on the PCB
motherboard
DDR2 DIMM Isolated. With
specific
program-
ming equipment, it is possible to define the
M34E02 content, using Byte and Page Write in-
structions, and its write-protection using the SWP
and CWP instructions. To issue the SWP and
CWP instructions, the DDR2 DIMM must be insert-
ed in the DDR2-specific slot where the E0 signal
can be driven to VHV during the whole instruction.
This programming step is mainly intended for use
by DDR2 DIMM makers, whose end application
manufacturers will want to clear this write-protec-
tion with the CWP on their own specific program-
ming equipment, to modify the lower 128 Bytes,
and finally to set permanently the write-protection
with the PSWP instruction.
DDR2 DIMM Inserted in the Application Mother
Board. As the final application cannot drive the
E0 pin to VHV, the only possible action is to freeze
the write-protection with the PSWP instruction.
Table 5 and Table 6 show how the Ack bits can be
used to identify the write-protection status.
DIMM Position
E2
E1
E0
0
VSS
VSS
VSS
1
VSS
VSS
VCC
2
VSS
VCC
VSS
3
VSS
VCC
VCC
4
VCC
VSS
VSS
5
VCC
VSS
VCC
6
VCC
VCC
VSS
7
VCC
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com