Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34E02-FDW1P Datasheet(PDF) 17 Page - STMicroelectronics

Part # M34E02-FDW1P
Description  2 Kbit Serial IC Bus EEPROM Serial Presence Detect for DDR2 DIMMs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E02-FDW1P Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M34E02-FDW1P Datasheet HTML 13Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 14Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 15Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 16Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 17Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 18Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 19Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 20Page - STMicroelectronics M34E02-FDW1P Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17/23
M34E02
Table 11. DC Characteristics
Note: 1. Preliminary Data.
Table 12. AC Characteristics
Note: 1. For a reSTART condition, or following a Write cycle.
2. Sampled only, not 100% tested.
3. To avoid spurious START and STOP conditions, a minimum delay is placed between SCL=1 and the falling or rising edge of SDA.
Symbol
Parameter
Test Condition
(in addition to those in Table 8)
Min.1
Max.1
Unit
ILI
Input Leakage Current
(SCL, SDA)
VIN = VSS or VCC
± 2
µA
ILO
Output Leakage Current
VOUT = VSS or VCC, SDA in Hi-Z
± 2
µA
ICC
Supply Current
VCC =1.7V, fc=100kHz (rise/fall time <
30ns)
1mA
ICC1
Stand-by Supply Current
VIN = VSS or VCC, VCC = 3.6V
1µA
VIN = VSS or VCC, VCC = 1.7V
0.5
µA
VIL
Input Low Voltage
(SCL, SDA, WC)
–0.45
0.3 VCC
V
VIH
Input High Voltage
(SCL, SDA, WC)
0.7VCC
VCC+1
V
VHV
E0 High Voltage
VHV – VCC
≥ 4.8V
710
V
VOL
Output Low Voltage
IOL = 2.1mA, 2.2V
≤ VCC ≤ 3.6V
0.4
V
IOL = 0.7mA, VCC = 1.7V
0.2
V
Test conditions specified in Table 9 and 8
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSCL
Clock Frequency
100
kHz
tCHCL
tHIGH
Clock Pulse Width High
4000
ns
tCLCH
tLOW
Clock Pulse Width Low
4700
ns
tDL1DL2 2
tF
SDA Fall Time
20
300
ns
tDXCX
tSU:DAT
Data In Set Up Time
250
ns
tCLDX
tHD:DAT
Data In Hold Time
0
ns
tCLQX
tDH
Data Out Hold Time
200
ns
tCLQV 3
tAA
Clock Low to Next Data Valid (Access Time)
200
3500
ns
tCHDX 1
tSU:STA
Start Condition Set Up Time
4700
ns
tDLCL
tHD:STA
Start Condition Hold Time
4000
ns
tCHDH
tSU:STO
Stop Condition Set Up Time
4000
ns
tDHDL
tBUF
Time between Stop Condition and Next Start Condition
4700
ns
tW
tWR
Write Time
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com