Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFZ Datasheet(PDF) 4 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # EFZ
Description  MULTILAYER CHIP BEADS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

EFZ Datasheet(HTML) 4 Page - EXCEL CELL ELECTRONIC CO., LTD.

  EFZ Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 4Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 5Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 6Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 7Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
For the latest product information, Please visit our website at http://www.ece.com.tw
ECE-
-
-
-
The Name You Can Trust!
TYPE: EFZ 160808
Part No.
Test Frequency
(MHz)
Impedance
( )±25%
DC Resistance
( )Max.
Rating Current
(mA)Max.
EFZ160808L190
100
19
0.10
400
EFZ160808L310
100
31
0.10
400
EFZ160808L520
100
52
0.15
400
EFZ160808L600
100
60
0.15
400
EFZ160808L800
100
80
0.15
400
EFZ160808L101
100
100
0.15
400
EFZ160808L121
100
120
0.15
400
EFZ160808L151
100
150
0.15
400
EFZ160808L181
100
180
0.20
400
EFZ160808L201
100
200
0.20
400
EFZ160808L221
100
220
0.20
400
EFZ160808L301
100
300
0.30
400
EFZ160808L401
100
400
0.30
400
EFZ160808L451
100
450
0.30
400
EFZ160808L601
100
600
0.35
400
EFZ160808L751
100
750
0.35
400
EFZ160808L102
100
1000
0.55
300
EFZ160808L152
100
1500
0.60
200
EFZ160808H050
100
5
0.08
700
EFZ160808H300
100
30
0.20
500
EFZ160808H600
100
60
0.25
450
EFZ160808H101
100
100
0.30
450
EFZ160808H121
100
120
0.30
450
EFZ160808H151
100
150
0.35
450
EFZ160808H221
100
220
0.35
450
EFZ160808H301
100
300
0.35
450
EFZ160808H471
100
470
0.35
450
EFZ160808H601
100
600
0.40
450
EFZ160808H102
100
1000
0.60
300
EFZ160808K471
100
470
0.55
200
EFZ160808K601
100
600
0.65
200
EFZ160808K751
100
750
0.70
200
EFZ160808K102
100
1000
0.85
100
EFZ160808K152
100
1500
0.90
100
EFZ160808K202
100
2000
1.00
100
EFZ160808K252
100
2500
1.00
50
EFZ160808G070
100
7
0.10
900
EFZ160808G100
100
10
0.10
900
EFZ160808G680
100
68
0.10
700
EFZ160808G121
100
120
0.30
300
EFZ160808G301
100
300
0.35
300
EFZ160808G601
100
600
0.65
300
EFZ160808G102
100
1000
1.10
50



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com