Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34E02-FMB1G Datasheet(PDF) 4 Page - STMicroelectronics

Part # M34E02-FMB1G
Description  2 Kbit Serial IC Bus EEPROM Serial Presence Detect for DDR2 DIMMs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E02-FMB1G Datasheet(HTML) 4 Page - STMicroelectronics

  M34E02-FMB1G Datasheet HTML 1Page - STMicroelectronics M34E02-FMB1G Datasheet HTML 2Page - STMicroelectronics M34E02-FMB1G Datasheet HTML 3Page - STMicroelectronics M34E02-FMB1G Datasheet HTML 4Page - STMicroelectronics M34E02-FMB1G Datasheet HTML 5Page - STMicroelectronics M34E02-FMB1G Datasheet HTML 6Page - STMicroelectronics M34E02-FMB1G Datasheet HTML 7Page - STMicroelectronics M34E02-FMB1G Datasheet HTML 8Page - STMicroelectronics M34E02-FMB1G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
M34E02
4/23
SUMMARY DESCRIPTION
The M34E02 is a 2 Kbit serial EEPROM memory
able to lock permanently the data in its first half
(from location 00h to 7Fh). This facility has been
designed specifically for use in DRAM DIMMs
(dual interline memory modules) with Serial
Presence Detect. All the information concerning
the DRAM module configuration (such as its
access speed, its size, its organization) can be
kept write protected in the first half of the memory.
This bottom half of the memory area can be write-
protected using two different software write
protection mechanisms. By sending the device a
specific sequence, the first 128 bytes of the
memory become write protected: permanently or
resetable. In addition, the device allows the entire
memory area to be write protected, using the WC
input (for example by tieing this input to VCC).
These
I2C-compatible
electrically
erasable
programmable memory (EEPROM) devices are
organized as 256x8 bits.
Figure 2. Logic Diagram
I2C uses a two wire serial interface, comprising a
bi-directional data line and a clock line. The device
carries a built-in 4-bit Device Type Identifier code
(1010) in accordance with the I2C bus definition to
access the memory area and a second Device
Type
Identifier
Code
(0110)
to
define
the
protection. These codes are used together with
the voltage level applied on the three chip enable
inputs (E2, E1, E0).
The device behaves as a slave device in the I2C
protocol, with all memory operations synchronized
by the serial clock. Read and Write operations are
initiated by a START condition, generated by the
bus master. The START condition is followed by a
Device Select Code and RW bit (as described in
Table 2), terminated by an acknowledge bit.
When writing data to the memory, the memory
inserts an acknowledge bit during the 9th bit time,
following the bus master’s 8-bit transmission.
When data is read by the bus master, the bus
master acknowledges the receipt of the data byte
in the same way. Data transfers are terminated by
a STOP condition after an Ack for WRITE, and
after a NoAck for READ.
Figure 3. TSSOP and MLP Connections (Top
View)
Note: 1. See the pages after page 19 for package dimensions,
and how to identify pin-1.
Table 1. Signal Names
Power On Reset: VCC Lock-Out Write Protect
In order to prevent data corruption and inadvertent
Write operations during power up, a Power On
Reset (POR) circuit is included. At Power-on, the
internal reset is held active until VCC has reached
the POR threshold value, and all operations are
disabled – the device will not respond to any
command. In the same way, when VCC drops from
the operating voltage, below the POR threshold
value, all operations are disabled and the device
will not respond to any command.
A stable and valid VCC (as defined in Table 8) must
be applied before applying any logic signal.
AI09020
3
E0-E2
SDA
VCC
M34E02
WC
SCL
VSS
E0, E1, E2
Chip Enable
SDA
Serial Data
SCL
Serial Clock
WC
Write Control
VCC
Supply Voltage
VSS
Ground
SDA
VSS
SCL
WC
E1
E0
VCC
E2
AI09021
M34E02
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com