Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F2012 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2012
Description  MIXED SIGNAL MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2012 Datasheet(HTML) 39 Page - Texas Instruments

Back Button MSP430F2012 Datasheet HTML 35Page - Texas Instruments MSP430F2012 Datasheet HTML 36Page - Texas Instruments MSP430F2012 Datasheet HTML 37Page - Texas Instruments MSP430F2012 Datasheet HTML 38Page - Texas Instruments MSP430F2012 Datasheet HTML 39Page - Texas Instruments MSP430F2012 Datasheet HTML 40Page - Texas Instruments MSP430F2012 Datasheet HTML 41Page - Texas Instruments MSP430F2012 Datasheet HTML 42Page - Texas Instruments MSP430F2012 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491A − AUGUST 2005 − REVISED OCTOBER 2005
39
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MSP430x20x2 electrical characteristics over recommended ranges of supply voltage and
operating free-air temperature (unless otherwise noted) (continued)
10-bit ADC, built-in voltage reference (MSP430x20x2 only)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Positive built-in reference analog
IVREF+ ≤ 1mA, REF2_5V=0
2.2
VCC
VCC,REF+
Positive built-in reference analog
supply voltage range
IVREF+ ≤ 0.5mA, REF2_5V=1
VREF++0.15
VCC
V
VCC,REF+
supply voltage range
IVREF+ ≤ 1mA, REF2_5V=1
VREF++0.15
VCC
V
VREF+
Positive built-in reference voltage
IVREF+ ≤ IVREF+max, REF2_5V=0
2.2 V/3 V
1.41
1.5
1.59
V
VREF+
Positive built-in reference voltage
IVREF+ ≤ IVREF+max, REF2_5V=1
3 V
2.35
2.5
2.65
V
ILD,VREF+
Maximum VREF+ load current
2.2 V
±0.5
mA
ILD,VREF+
Maximum VREF+ load current
3 V
±1
mA
VREF+ load regulation
IVREF+ = 500 µA +/− 100 µA
Analog input voltage VAx ≈ 0.75 V;
REF2_5V=0
2.2 V/3 V
±2
LSB
VREF+ load regulation
IVREF+ = 500 µA ± 100 µA
Analog input voltage VAx ≈ 1.25 V;
REF2_5V=1
3 V
±2
LSB
VREF+ load regulation response time
IVREF+ =
100
µA→900µA,
VAx 0.5 x VREF+
ADC10SR=0
3 V
400
ns
VREF+ load regulation response time VAx ≈ 0.5 x VREF+
Error of conversion
result
≤ 1 LSB
ADC10SR=1
3V
2000
ns
CVREF+
Max. capacitance at pin VREF+
(see Note 1)
IVREF+ ≤±1mA,
REFON=1, REFOUT=1
2.2 V/3 V
100
pF
TCREF+
Temperature coefficient
IVREF+ = const. with
0 mA
≤ IVREF+ ≤ 1 mA
2.2 V/3 V
±100 ppm/°C
tREFON
Settling time of internal reference
voltage (see Note 2)
IVREF+ = 0.5 mA, REF2_5V=0
REFON = 0
→ 1
3.6 V
30
tREFBURST
Settling time of reference buffer
IVREF+ = 0.5 mA,
REF2_5V=0,
ADC10SR=0
2.2 V
1
µs
tREFBURST
Settling time of reference buffer
(see Note 2)
REF2_5V=0,
REFON = 1,
REFBURST = 1
ADC10SR=1
2.2 V
2.5
NOTES:
1. The capacitance applied to the internal buffer operational amplifier, if switched to terminal P2.4/TA2/A4/VREF+/VeREF+ (REFOUT=1),
must be limited; the reference buffer may become unstable otherwise.
2. The condition is that the error in a conversion started after tREFON or tRefBuf is less than ±0.5 LSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com